Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 346 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 346 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 342Page - Renesas Technology Corp SH7014 Datasheet HTML 343Page - Renesas Technology Corp SH7014 Datasheet HTML 344Page - Renesas Technology Corp SH7014 Datasheet HTML 345Page - Renesas Technology Corp SH7014 Datasheet HTML 346Page - Renesas Technology Corp SH7014 Datasheet HTML 347Page - Renesas Technology Corp SH7014 Datasheet HTML 348Page - Renesas Technology Corp SH7014 Datasheet HTML 349Page - Renesas Technology Corp SH7014 Datasheet HTML 350Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 346 / 754 page
background image
12. Serial Communication Interface (SCI)
Rev.5.00 Sep. 27, 2007 Page 312 of 716
REJ09B0398-0500
Bit 2
⎯Multiprocessor Mode (MP): Selects multiprocessor format. When multiprocessor format
is selected, settings of the parity enable (PE) and parity mode (O/
E) bits are ignored. The MP bit
setting is used only in the asynchronous mode; it is ignored in the clock synchronous mode. For
the multiprocessor communication function, see section 12.3.3, Multiprocessor Communication.
Bit 2
MP
Description
0
Multiprocessor function disabled
(initial value)
1
Multiprocessor format selected
Bits 1 and 0
⎯Clock Select 1 and 0 (CKS1 and CKS0): These bits select the internal clock
source of the on-chip baud rate generator. Four clock sources are available;
φ, φ/4, φ/16, or φ/64.
For further information on the clock source, bit rate register settings, and baud rate, see section
12.2.8, Bit Rate Register.
Bit 1
CKS1
Bit 0
CKS0
Description
0
0
φ
(initial value)
1
φ/4
1
0
φ/16
1
φ/64
12.2.6
Serial Control Register (SCR)
Bit:
7
6
5
4
3
2
1
0
TIE
RIE
TE
RE
MPIE
TEIE
CKE1
CKE0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
The serial control register (SCR) operates the SCI transmitter/receiver, selects the serial clock
output in the asynchronous mode, enables/disables interrupt requests, and selects the
transmit/receive clock source. The CPU can always read and write the SCR. The SCR is initialized
to H'00 by a power-on reset or in standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com