Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 342 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 342 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 338Page - Renesas Technology Corp SH7014 Datasheet HTML 339Page - Renesas Technology Corp SH7014 Datasheet HTML 340Page - Renesas Technology Corp SH7014 Datasheet HTML 341Page - Renesas Technology Corp SH7014 Datasheet HTML 342Page - Renesas Technology Corp SH7014 Datasheet HTML 343Page - Renesas Technology Corp SH7014 Datasheet HTML 344Page - Renesas Technology Corp SH7014 Datasheet HTML 345Page - Renesas Technology Corp SH7014 Datasheet HTML 346Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 342 / 754 page
background image
12. Serial Communication Interface (SCI)
Rev.5.00 Sep. 27, 2007 Page 308 of 716
REJ09B0398-0500
12.2
Register Descriptions
12.2.1
Receive Shift Register (RSR)
Bit:
7
6
5
4
3
2
1
0
R/W:
⎯
⎯
⎯
⎯
⎯
⎯
⎯
⎯
The receive shift register (RSR) receives serial data. Data input at the RxD pin is loaded into the
RSR in the order received, LSB (bit 0) first, converting the data to parallel form. When one byte
has been received, it is automatically transferred to the RDR.
The CPU cannot read or write the RSR directly.
12.2.2
Receive Data Register (RDR)
Bit:
7
6
5
4
3
2
1
0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R
R
R
R
R
R
R
The receive data register (RDR) stores serial receive data. The SCI completes the reception of one
byte of serial data by moving the received data from the receive shift register (RSR) into the RDR
for storage. The RSR is then ready to receive the next data. This double buffering allows the SCI
to receive data continuously.
The CPU can read but not write the RDR. The RDR is initialized to H'00 by a power-on reset or in
standby mode.
12.2.3
Transmit Shift Register (TSR)
Bit:
7
6
5
4
3
2
1
0
R/W:
⎯
⎯
⎯
⎯
⎯
⎯
⎯
⎯
The transmit shift register (TSR) transmits serial data. The SCI loads transmit data from the
transmit data register (TDR) into the TSR, then transmits the data serially from the TxD pin, LSB
(bit 0) first. After transmitting one data byte, the SCI automatically loads the next transmit data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com