Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 345 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 345 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 341Page - Renesas Technology Corp SH7014 Datasheet HTML 342Page - Renesas Technology Corp SH7014 Datasheet HTML 343Page - Renesas Technology Corp SH7014 Datasheet HTML 344Page - Renesas Technology Corp SH7014 Datasheet HTML 345Page - Renesas Technology Corp SH7014 Datasheet HTML 346Page - Renesas Technology Corp SH7014 Datasheet HTML 347Page - Renesas Technology Corp SH7014 Datasheet HTML 348Page - Renesas Technology Corp SH7014 Datasheet HTML 349Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 345 / 754 page
background image
12. Serial Communication Interface (SCI)
Rev.5.00 Sep. 27, 2007 Page 311 of 716
REJ09B0398-0500
Bit 4
⎯Parity Mode (O/E): Selects even or odd parity when parity bits are added and checked.
The O/
E setting is used only in asynchronous mode and only when the parity enable bit (PE) is set
to 1 to enable parity addition and check. The O/
E setting is ignored in the clock synchronous
mode, or in the asynchronous mode when parity addition and check is disabled.
Bit 4
O/
E
Description
0
Even parity*
1
(initial value)
1
Odd parity*
2
Notes: 1. If even parity is selected, the parity bit is added to transmit data to make an even
number of 1s in the transmitted character and parity bit combined. Receive data is
checked to see if it has an even number of 1s in the received character and parity bit
combined.
2. If odd parity is selected, the parity bit is added to transmit data to make an odd number
of 1s in the transmitted character and parity bit combined. Receive data is checked to
see if it has an odd number of 1s in the received character and parity bit combined.
Bit 3
⎯Stop Bit Length (STOP): Selects one or two bits as the stop bit length in the
asynchronous mode. This setting is used only in the asynchronous mode. It is ignored in the clock
synchronous mode because no stop bits are added.
Bit 3
STOP
Description
0
One stop bit*
1
(initial value)
1
Two stop bits*
2
Notes: 1. In transmitting, a single bit of 1 is added at the end of each transmitted character.
2. In transmitting, two bits of 1 are added at the end of each transmitted character.
In receiving, only the first stop bit is checked, regardless of the STOP bit setting. If the second
stop bit is 1, it is treated as a stop bit, but if the second stop bit is 0, it is treated as the start bit of
the next incoming character.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com