Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 347 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 347 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 343Page - Renesas Technology Corp SH7014 Datasheet HTML 344Page - Renesas Technology Corp SH7014 Datasheet HTML 345Page - Renesas Technology Corp SH7014 Datasheet HTML 346Page - Renesas Technology Corp SH7014 Datasheet HTML 347Page - Renesas Technology Corp SH7014 Datasheet HTML 348Page - Renesas Technology Corp SH7014 Datasheet HTML 349Page - Renesas Technology Corp SH7014 Datasheet HTML 350Page - Renesas Technology Corp SH7014 Datasheet HTML 351Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 347 / 754 page
background image
12. Serial Communication Interface (SCI)
Rev.5.00 Sep. 27, 2007 Page 313 of 716
REJ09B0398-0500
Bit 7
⎯Transmit Interrupt Enable (TIE): Enables or disables the transmit-data-empty interrupt
(TXI) requested when the transmit data register empty bit (TDRE) in the serial status register
(SSR) is set to 1 by transfer of serial transmit data from the TDR to the TSR.
Bit 7
TIE
Description
0
Transmit-data-empty interrupt request (TXI) is disabled*
(initial value)
1
Transmit-data-empty interrupt request (TXI) is enabled
Note:
*
The TXI interrupt request can be cleared by reading TDRE after it has been set to 1,
then clearing TDRE to 0, or by clearing TIE to 0.
Bit 6
⎯Receive Interrupt Enable (RIE): Enables or disables the receive-data-full interrupt (RXI)
requested when the receive data register full bit (RDRF) in the serial status register (SSR) is set to
1 by transfer of serial receive data from the RSR to the RDR. It also enables or disables receive-
error interrupt (ERI) requests.
Bit 6
RIE
Description
0
Receive-data-full interrupt (RXI) and receive-error interrupt (ERI)
requests are disabled*
(initial value)
1
Receive-data-full interrupt (RXI) and receive-error interrupt (ERI)
requests are enabled
Note:
*
RXI and ERI interrupt requests can be cleared by reading the RDRF flag or error flag
(FER, PER, or ORER) after it has been set to 1, then clearing the flag to 0, or by
clearing RIE to 0.
Bit 5
⎯Transmit Enable (TE): Enables or disables the SCI serial transmitter.
Bit 5
TE
Description
0
Transmitter disabled*
1
(initial value)
1
Transmitter enabled*
2
Notes: 1. The transmit data register empty bit (TDRE) in the serial status register (SSR) is locked
at 1.
2. Serial transmission starts when the transmit data register empty (TDRE) bit in the serial
status register (SSR) is cleared to 0 after writing of transmit data into the TDR. Select
the transmit format in the SMR before setting TE to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com