| Electronic Components Datasheet Search |
|
SH7014 Datasheet(PDF) 343 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7014 Datasheet(HTML) 343 Page - Renesas Technology Corp |
|
343 / 754 page ![]() 12. Serial Communication Interface (SCI) Rev.5.00 Sep. 27, 2007 Page 309 of 716 REJ09B0398-0500 from the TDR into the TSR and starts transmitting again. If the TDRE bit of the SSR is 1, however, the SCI does not load the TDR contents into the TSR. The CPU cannot read or write the TSR directly. 12.2.4 Transmit Data Register (TDR) Bit: 7 6 5 4 3 2 1 0 Initial value: 1 1 1 1 1 1 1 1 R/W: R/W R/W R/W R/W R/W R/W R/W R/W The transmit data register (TDR) is an 8-bit register that stores data for serial transmission. When the SCI detects that the transmit shift register (TSR) is empty, it moves transmit data written in the TDR into the TSR and starts serial transmission. Continuous serial transmission is possible by writing the next transmit data in the TDR during serial transmission from the TSR. The CPU can always read and write the TDR. The TDR is initialized to H'FF by a power-on reset or in standby mode. 12.2.5 Serial Mode Register (SMR) Bit: 7 6 5 4 3 2 1 0 C/ A CHR PE O/ E STOP MP CKS1 CKS0 Initial value: 0 0 0 0 0 0 0 0 R/W: R/W R/W R/W R/W R/W R/W R/W R/W The serial mode register (SMR) is an 8-bit register that specifies the SCI serial communication format and selects the clock source for the baud rate generator. The CPU can always read and write the SMR. The SMR is initialized to H'00 by a power-on reset or in standby mode. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |