Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 357 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 357 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 353Page - Renesas Technology Corp SH7014 Datasheet HTML 354Page - Renesas Technology Corp SH7014 Datasheet HTML 355Page - Renesas Technology Corp SH7014 Datasheet HTML 356Page - Renesas Technology Corp SH7014 Datasheet HTML 357Page - Renesas Technology Corp SH7014 Datasheet HTML 358Page - Renesas Technology Corp SH7014 Datasheet HTML 359Page - Renesas Technology Corp SH7014 Datasheet HTML 360Page - Renesas Technology Corp SH7014 Datasheet HTML 361Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 357 / 754 page
background image
12. Serial Communication Interface (SCI)
Rev.5.00 Sep. 27, 2007 Page 323 of 716
REJ09B0398-0500
φ (MHz)
18.432
19.6608
20
Bit Rate
(Bits/s)
n
N
Error (
%)
n
N
Error (
%)
n
N
Error (
%)
110
3
81
−0.22
3
86
0.31
3
88
−0.25
150
2
239
0.00
2
255
0.00
3
64
0.16
300
2
119
0.00
2
127
0.00
2
129
0.16
600
1
239
0.00
1
255
0.00
2
64
0.16
1200
1
119
0.00
1
127
0.00
1
129
0.16
2400
0
239
0.00
0
255
0.00
1
64
0.16
4800
0
119
0.00
0
127
0.00
0
129
0.16
9600
0
59
0.00
0
63
0.00
0
64
0.16
14400
0
39
0.00
0
42
−0.78
0
42
0.94
19200
0
29
0.00
0
31
0.00
0
32
−1.36
28800
0
19
0.00
0
20
1.59
0
21
−1.36
31250
0
17
2.40
0
19
−1.70
0
19
0.00
38400
0
14
0.00
0
15
0.00
0
15
1.73
φ (MHz)
22
22.1184
24
Bit Rate
(Bits/s)
n
N
Error (
%)
n
N
Error (
%)
n
N
Error (
%)
110
3
97
−0.35
3
97
0.19
3
106
−0.44
150
3
71
−0.54
3
71
0.00
3
77
0.16
300
2
142
0.16
2
143
0.00
2
155
0.16
600
2
71
−0.54
2
71
0.00
2
77
0.16
1200
1
142
0.16
1
143
0.00
1
155
0.16
2400
1
71
−0.54
1
71
0.00
1
77
0.16
4800
0
142
0.16
0
143
0.00
0
155
0.16
9600
0
71
−0.54
0
71
0.00
0
77
0.16
14400
0
47
−0.54
0
47
0.00
0
51
0.16
19200
0
35
−0.54
0
35
0.00
0
38
0.16
28800
0
23
−0.54
0
23
0.00
0
25
0.16
31250
0
21
0.00
0
21
0.54
0
23
0.00
38400
0
17
−0.54
0
17
0.00
0
19
−2.34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com