Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 367 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 367 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 363Page - Renesas Technology Corp SH7014 Datasheet HTML 364Page - Renesas Technology Corp SH7014 Datasheet HTML 365Page - Renesas Technology Corp SH7014 Datasheet HTML 366Page - Renesas Technology Corp SH7014 Datasheet HTML 367Page - Renesas Technology Corp SH7014 Datasheet HTML 368Page - Renesas Technology Corp SH7014 Datasheet HTML 369Page - Renesas Technology Corp SH7014 Datasheet HTML 370Page - Renesas Technology Corp SH7014 Datasheet HTML 371Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 367 / 754 page
background image
12. Serial Communication Interface (SCI)
Rev.5.00 Sep. 27, 2007 Page 333 of 716
REJ09B0398-0500
12.3.2
Operation in Asynchronous Mode
In the asynchronous mode, each transmitted or received character begins with a start bit and ends
with a stop bit. Serial communication is synchronized one character at a time.
The transmitting and receiving sections of the SCI are independent, so full duplex communication
is possible. The transmitter and receiver are both double buffered, so data can be written and read
while transmitting and receiving are in progress, enabling continuous transmitting and receiving.
Figure 12.2 shows the general format of asynchronous serial communication. In asynchronous
serial communication, the communication line is normally held in the marking (high) state. The
SCI monitors the line and starts serial communication when the line goes to the space (low) state,
indicating a start bit. One serial character consists of a start bit (low), data (LSB first), parity bit
(high or low), and stop bit (high), in that order.
When receiving in the asynchronous mode, the SCI synchronizes on the falling edge of the start
bit. The SCI samples each data bit on the eighth pulse of a clock with a frequency 16 times the bit
rate. Receive data is latched at the center of each bit.
0
D0
D1D2D3
D4
D5
D6
D7
1
1
0/1
1
1
(LSB)
(MSB)
Serial
data
Start
bit
1 bit
Transmit/receive data
7 or 8 bits
One unit of communication data (characters or frames)
Idling (marking state)
Parity
bit
Stop
bit
1 or
no bit
1 or
2 bits
Figure 12.2 Data Format in Asynchronous Communication
(Example: 8-bit Data with Parity and Two Stop Bits)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com