Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 368 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 368 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 364Page - Renesas Technology Corp SH7014 Datasheet HTML 365Page - Renesas Technology Corp SH7014 Datasheet HTML 366Page - Renesas Technology Corp SH7014 Datasheet HTML 367Page - Renesas Technology Corp SH7014 Datasheet HTML 368Page - Renesas Technology Corp SH7014 Datasheet HTML 369Page - Renesas Technology Corp SH7014 Datasheet HTML 370Page - Renesas Technology Corp SH7014 Datasheet HTML 371Page - Renesas Technology Corp SH7014 Datasheet HTML 372Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 368 / 754 page
background image
12. Serial Communication Interface (SCI)
Rev.5.00 Sep. 27, 2007 Page 334 of 716
REJ09B0398-0500
Transmit/Receive Formats: Table 12.10 shows the 12 communication formats that can be
selected in the asynchronous mode. The format is selected by settings in the serial mode register
(SMR).
Table 12.10 Serial Communication Formats (Asynchronous Mode)
SMR Bits
Serial Transmit/Receive Format and Frame Length
CHR PE
MP
STOP
1
2
3
4
5
6
7
8
9
10
11
12
0
0
0
0
START
8-Bit data
STOP
0
0
0
1
START
8-Bit data
STOP STOP
0
1
0
0
START
8-Bit data
P
STOP
0
1
0
1
START
8-Bit data
P
STOP STOP
1
0
0
0
START
7-Bit data
STOP
1
0
0
1
START
7-Bit data
STOP STOP
1
1
0
0
START
7-Bit data
P
STOP
1
1
0
1
START
7-Bit data
P
STOP STOP
0
⎯
1
0
START
8-Bit data
MPB
STOP
0
⎯
1
1
START
8-Bit data
MPB
STOP STOP
1
⎯
1
0
START
7-Bit data
MPB
STOP
1
⎯
1
1
START
7-Bit data
MPB
STOP STOP
Legend:
START: Start bit
STOP:
Stop bit
P:
Parity bit
MPB:
Multiprocessor bit
⎯:
Don't care
Clock: An internal clock generated by the on-chip baud rate generator or an external clock input
from the SCK pin can be selected as the SCI transmit/receive clock. The clock source is selected
by the C/
A bit in the serial mode register (SMR) and bits CKE1 and CKE0 in the serial control
register (SCR) (table 12.9).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com