Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 370 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 370 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 366Page - Renesas Technology Corp SH7014 Datasheet HTML 367Page - Renesas Technology Corp SH7014 Datasheet HTML 368Page - Renesas Technology Corp SH7014 Datasheet HTML 369Page - Renesas Technology Corp SH7014 Datasheet HTML 370Page - Renesas Technology Corp SH7014 Datasheet HTML 371Page - Renesas Technology Corp SH7014 Datasheet HTML 372Page - Renesas Technology Corp SH7014 Datasheet HTML 373Page - Renesas Technology Corp SH7014 Datasheet HTML 374Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 370 / 754 page
background image
12. Serial Communication Interface (SCI)
Rev.5.00 Sep. 27, 2007 Page 336 of 716
REJ09B0398-0500
Initialize
Clear TE and RE bits to 0 in SCR
Set CKE1 and CKE0 bits in SCR
(TE and RE bits are 0)
Select transmit/receive format in SMR
Set value to BRR
Wait
Set TE or RE to 1 in SCR; Set RIE,
TIE, TEIE, and MPIE as necessary
1-bit interval elapsed?
End
1
2
3
4
No
Yes
Figure 12.4 Sample Flowchart for SCI Initialization
Transmitting Serial Data (Asynchronous Mode): Figure 12.5 shows a sample flowchart for
transmitting serial data. The procedure is as follows (the steps correspond to the numbers in the
flowchart):
1. SCI initialization: Set the TxD pin using the PFC.
2. SCI status check and transmit data write: Read the serial status register (SSR), check that the
TDRE bit is 1, then write transmit data in the transmit data register (TDR) and clear TDRE to
0.
3. Continue transmitting serial data: Read the TDRE bit to check whether it is safe to write (if it
reads 1); if so, write data in TDR, then clear TDRE to 0. When the DMAC or the DTC is
started by a transmit-data-empty interrupt request (TXI) in order to write data in TDR, the
TDRE bit is checked and cleared automatically.
4. To output a break at the end of serial transmission, first clear the port data register (DR) to 0,
then clear the TE to 0 in SCR and use the PFC to establish the TxD pin as an output port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com