Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 372 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 372 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 368Page - Renesas Technology Corp SH7014 Datasheet HTML 369Page - Renesas Technology Corp SH7014 Datasheet HTML 370Page - Renesas Technology Corp SH7014 Datasheet HTML 371Page - Renesas Technology Corp SH7014 Datasheet HTML 372Page - Renesas Technology Corp SH7014 Datasheet HTML 373Page - Renesas Technology Corp SH7014 Datasheet HTML 374Page - Renesas Technology Corp SH7014 Datasheet HTML 375Page - Renesas Technology Corp SH7014 Datasheet HTML 376Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 372 / 754 page
background image
12. Serial Communication Interface (SCI)
Rev.5.00 Sep. 27, 2007 Page 338 of 716
REJ09B0398-0500
In transmitting serial data, the SCI operates as follows:
1. The SCI monitors the TDRE bit in the SSR. When TDRE is cleared to 0, the SCI recognizes
that the transmit data register (TDR) contains new data, and loads this data from the TDR into
the transmit shift register (TSR).
2. After loading the data from the TDR into the TSR, the SCI sets the TDRE bit to 1 and starts
transmitting. If the transmit-data-empty interrupt enable bit (TIE) is set to 1 in the SCR, the
SCI requests a transmit-data-empty interrupt (TXI) at this time.
Serial transmit data is transmitted in the following order from the TxD pin:
a. Start bit: one 0 bit is output.
b. Transmit data: seven or eight bits of data are output, LSB first.
c. Parity bit or multiprocessor bit: one parity bit (even or odd parity) or one multiprocessor bit
is output. Formats in which neither a parity bit nor a multiprocessor bit is output can also
be selected.
d. Stop bit: one or two 1 bits (stop bits) are output.
e. Marking: output of 1 bits continues until the start bit of the next transmit data.
3. The SCI checks the TDRE bit when it outputs the stop bit. If TDRE is 0, the SCI loads new
data from the TDR into the TSR, outputs the stop bit, then begins serial transmission of the
next frame. If TDRE is 1, the SCI sets the TEND bit to 1 in the SSR, outputs the stop bit, then
continues output of 1 bits (marking). If the transmit-end interrupt enable bit (TEIE) in the SCR
is set to 1, a transmit-end interrupt (TEI) is requested.
Figure 12.6 shows an example of SCI transmit operation in the asynchronous mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com