Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 385 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 385 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 381Page - Renesas Technology Corp SH7014 Datasheet HTML 382Page - Renesas Technology Corp SH7014 Datasheet HTML 383Page - Renesas Technology Corp SH7014 Datasheet HTML 384Page - Renesas Technology Corp SH7014 Datasheet HTML 385Page - Renesas Technology Corp SH7014 Datasheet HTML 386Page - Renesas Technology Corp SH7014 Datasheet HTML 387Page - Renesas Technology Corp SH7014 Datasheet HTML 388Page - Renesas Technology Corp SH7014 Datasheet HTML 389Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 385 / 754 page
background image
12. Serial Communication Interface (SCI)
Rev.5.00 Sep. 27, 2007 Page 351 of 716
REJ09B0398-0500
RDRF
MPIE
RDR
value
ID1
ID2
01
1
1
10
1
MPB
MPB
Serial
data
Start
bit
Data
(ID2)
Data
(data 2)
Stop
bit
Start
bit
Stop
bit
Idling
(marking)
D0
D1
D7
D0
D1
D7
0
RXI interrupt request
(multiprocessor
interrupt), MPIE = 0
RXI interrupt handler
reads data in RDR
and clears RDRF to 0
Station's ID, so receiving
continues, with data
received by the RXI
interrupt processing routine
MPIE
bit is again
set to 1
MPB
Data2
Example: Own ID matches data, 8-bit data with multiprocessor bit and one stop bit
Figure 12.13 Example of SCI Receive Operation (ID Matches) (2)
12.3.4
Clock Synchronous Operation
In the clock synchronous mode, the SCI transmits and receives data in synchronization with clock
pulses. This mode is suitable for high-speed serial communication.
The SCI transmitter and receiver are independent, so full duplex communication is possible while
sharing the same clock. The transmitter and receiver are also double buffered, so continuous
transmitting or receiving is possible by reading or writing data while transmitting or receiving is in
progress.
Figure 12.14 shows the general format in clock synchronous serial communication.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com