Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 388 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 388 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 384Page - Renesas Technology Corp SH7014 Datasheet HTML 385Page - Renesas Technology Corp SH7014 Datasheet HTML 386Page - Renesas Technology Corp SH7014 Datasheet HTML 387Page - Renesas Technology Corp SH7014 Datasheet HTML 388Page - Renesas Technology Corp SH7014 Datasheet HTML 389Page - Renesas Technology Corp SH7014 Datasheet HTML 390Page - Renesas Technology Corp SH7014 Datasheet HTML 391Page - Renesas Technology Corp SH7014 Datasheet HTML 392Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 388 / 754 page
background image
12. Serial Communication Interface (SCI)
Rev.5.00 Sep. 27, 2007 Page 354 of 716
REJ09B0398-0500
Start of initialization
Clear TE and RE bits to 0 in SCR
1-bit interval elapsed?
Set TE and RE to 1 in SCR;
Set RIE, TIE, TEIE, and MPIE bits
Yes
No
1
Set RIE, TIE, TEIE, MPIE, CKE1,
and CKE0 bits in SCR
(TE and RE are 0)
End
Wait
Select transmit/receive
format in SMR
Set value in BRR
2
3
4
Figure 12.15 Sample Flowchart for SCI Initialization
Transmitting Serial Data (Synchronous Mode): Figure 12.16 shows a sample flowchart for
transmitting serial data and indicates the procedure to follow.
1. SCI initialization: Set the TxD pin function with the PFC.
2. SCI status check and transmit data write: Read SSR, check that the TDRE flag is 1, then write
transmit data in TDR and clear the TDRE flag to 0.
3. To continue transmitting serial data: After checking that the TDRE flag is 1, indicating that
data can be written, write data in TDR, then clear the TDRE flag to 0. When the DMAC or
DTC is activated by a transmit-data-empty interrupt request (TXI) to write data in TDR, the
TDRE flag is checked and cleared automatically.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com