Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 387 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 387 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 383Page - Renesas Technology Corp SH7014 Datasheet HTML 384Page - Renesas Technology Corp SH7014 Datasheet HTML 385Page - Renesas Technology Corp SH7014 Datasheet HTML 386Page - Renesas Technology Corp SH7014 Datasheet HTML 387Page - Renesas Technology Corp SH7014 Datasheet HTML 388Page - Renesas Technology Corp SH7014 Datasheet HTML 389Page - Renesas Technology Corp SH7014 Datasheet HTML 390Page - Renesas Technology Corp SH7014 Datasheet HTML 391Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 387 / 754 page
background image
12. Serial Communication Interface (SCI)
Rev.5.00 Sep. 27, 2007 Page 353 of 716
REJ09B0398-0500
Transmit/Receive Operations
SCI Initialization (Clock Synchronous Mode): Before transmitting or receiving, software must
clear the TE and RE bits to 0 in the serial control register (SCR), then initialize the SCI as follows.
When changing the mode or communication format, always clear the TE and RE bits to 0 before
following the procedure given below. Clearing TE to 0 sets TDRE to 1 and initializes the transmit
shift register (TSR). Clearing RE to 0, however, does not initialize the RDRF, PER, FER, and
ORER flags and receive data register (RDR), which retain their previous contents.
Figure 12.15 is a sample flowchart for initializing the SCI.
1. Select the clock source in the serial control register (SCR). Leave RIE, TIE, TEIE, MPIE, TE,
and RE cleared to 0.
2. Select the communication format in the serial mode register (SMR).
3. Write the value corresponding to the bit rate in the bit rate register (BRR) unless an external
clock is used.
4. Wait for at least the interval required to transmit or receive one bit, then set TE or RE in the
serial control register (SCR) to 1. Also set RIE, TIE, TEIE, and MPIE. The TxD, RxD pins
becomes usable in response to the PFC corresponding bits and the TE, RE bit settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com