Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 451 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 451 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 447Page - Renesas Technology Corp SH7014 Datasheet HTML 448Page - Renesas Technology Corp SH7014 Datasheet HTML 449Page - Renesas Technology Corp SH7014 Datasheet HTML 450Page - Renesas Technology Corp SH7014 Datasheet HTML 451Page - Renesas Technology Corp SH7014 Datasheet HTML 452Page - Renesas Technology Corp SH7014 Datasheet HTML 453Page - Renesas Technology Corp SH7014 Datasheet HTML 454Page - Renesas Technology Corp SH7014 Datasheet HTML 455Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 451 / 754 page
background image
14. Mid-Speed A/D Converter
⎯ SH7016, SH7017 ⎯
Rev.5.00 Sep. 27, 2007 Page 417 of 716
REJ09B0398-0500
14.7
Usage Notes
The following points should be noted when using the mid-speed A/D converter.
14.7.1
Analog Voltage Settings
(1) Analog input voltage range
The voltage applied to analog input pins during A/D conversion should be in the range AV
SS ≤
ANn
≤ AV
CC (n = 0 to 7).
(2) AV
CC and AVSS input voltages
For the AV
CC and AVSS input voltages, set AVCC = VCC = 5V ±10% and AVSS = VSS. When the
mid-speed A/D converter is not used, set AV
CC = VCC and AVSS = VSS.
14.7.2
Handling of Analog Input Pins
To prevent damage from surges and other abnormal voltages at the analog input pins (AN0 to
AN7), connect a protection circuit such as that shown in figure 14.8. This circuit also includes a
CR filter function that suppresses error due to noise. The circuit shown here is only a design
example; circuit constants must be decided on the basis of the actual operating conditions.
Figure 14.9 shows an equivalent circuit for the analog input pins, and table 14.6 summarizes the
analog input pin specifications.
AV
CC
AN0 to AN7
AVSS
SH7016
SH7017
Note: *
10
μF
0.01
μF
*
0.1
μF
100
Ω
Figure 14.8 Example of Analog Input Pin Protection Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com