Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 448 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 448 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 444Page - Renesas Technology Corp SH7014 Datasheet HTML 445Page - Renesas Technology Corp SH7014 Datasheet HTML 446Page - Renesas Technology Corp SH7014 Datasheet HTML 447Page - Renesas Technology Corp SH7014 Datasheet HTML 448Page - Renesas Technology Corp SH7014 Datasheet HTML 449Page - Renesas Technology Corp SH7014 Datasheet HTML 450Page - Renesas Technology Corp SH7014 Datasheet HTML 451Page - Renesas Technology Corp SH7014 Datasheet HTML 452Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 448 / 754 page
background image
14. Mid-Speed A/D Converter
⎯ SH7016, SH7017 ⎯
Rev.5.00 Sep. 27, 2007 Page 414 of 716
REJ09B0398-0500
14.5
Interrupt
The mid-speed A/D converter generates an A/D conversion end interrupt (ADI) on completion of
A/D conversion. ADI interrupt requests can be enabled or disabled by means of the ADIE bit in
ADCSR.
The DMAC can be activated by an ADI interrupt. Having converted data read by the DMAC by
means of ADI interrupts allows continuous conversion to be carried out without imposing a load
on the software.
The mid-speed A/D converter's interrupt source is summarized in table 14.5.
When the DMAC are activated by an ADI interrupt, the ADF flag of ADCSR is cleared to 0 by
register access of A/D.
Table 14.5
Mid-speed A/D converter interrupt factors
Interrupt Factor
Content
DMAC
ADI
Interrupt by conversion complete
Activation enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com