Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 445 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 445 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 441Page - Renesas Technology Corp SH7014 Datasheet HTML 442Page - Renesas Technology Corp SH7014 Datasheet HTML 443Page - Renesas Technology Corp SH7014 Datasheet HTML 444Page - Renesas Technology Corp SH7014 Datasheet HTML 445Page - Renesas Technology Corp SH7014 Datasheet HTML 446Page - Renesas Technology Corp SH7014 Datasheet HTML 447Page - Renesas Technology Corp SH7014 Datasheet HTML 448Page - Renesas Technology Corp SH7014 Datasheet HTML 449Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 445 / 754 page
background image
14. Mid-Speed A/D Converter
⎯ SH7016, SH7017 ⎯
Rev.5.00 Sep. 27, 2007 Page 411 of 716
REJ09B0398-0500
14.4.3
Input Sampling and A/D Conversion Time
The mid-speed A/D converter is equipped with a sample and hold circuit. The mid-speed A/D
converter samples input after t
D hours has elapsed since setting the ADST bit of the A/D
control/status register (ADCSR) to 1, then begins conversion. The A/D conversion timing is
shown in table 14.4.
The A/D conversion time, as shown in figure 14.5, includes both t
D and input sampling time. Here,
t
D is determined by the write timing to ADCSR and is not constant. Thus the conversion time
changes in the range shown in table 14.4.
The conversion time shown in table 14.4 is the time for the first conversion. For the second
conversion and after, the time will be 256 state (fixed) for CKS = 0 and 128 state (fixed) for CKS
= 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com