Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 441 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 441 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 437Page - Renesas Technology Corp SH7014 Datasheet HTML 438Page - Renesas Technology Corp SH7014 Datasheet HTML 439Page - Renesas Technology Corp SH7014 Datasheet HTML 440Page - Renesas Technology Corp SH7014 Datasheet HTML 441Page - Renesas Technology Corp SH7014 Datasheet HTML 442Page - Renesas Technology Corp SH7014 Datasheet HTML 443Page - Renesas Technology Corp SH7014 Datasheet HTML 444Page - Renesas Technology Corp SH7014 Datasheet HTML 445Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 441 / 754 page
background image
14. Mid-Speed A/D Converter
⎯ SH7016, SH7017 ⎯
Rev.5.00 Sep. 27, 2007 Page 407 of 716
REJ09B0398-0500
14.4
Operation
The mid-speed converter operates using the continuous comparison method and is equipped with
10-bit resolution. Operations for the single and scan modes are explained below.
14.4.1
Single Mode (SCAN = 0)
The single mode is selected when executing A/D conversion for one channel only. A/D conversion
is initiated when the ADST bit of the A/D control/status register is set to 1 by the software or
external trigger input. The ADST bit is held to 1 during the A/D conversion and is automatically
cleared to 0 upon completion.
When conversion is complete, the ADF bit of ADCSR is set to 1. At this time, if the ADIE bit of
ADCSR is 1, ADI interrupt request occurs.
The ADF bit can be cleared by writing 0 after reading ADF = 1.
To switch modes or analog input channels during A/D conversion, clear the ADST bit to 0 and
stop A/D conversion to avoid malfunction. After switching (mode/channel change and ADST bit
setting can be made at the same time), set the ADST bit to 1 to restart A/D conversion.
An example of operation when channel 1 (AN1) is selected in the single mode is shown in figure
14.3.
1. Set operation mode to single mode (SCAN = 0), input channel to AN1 (CH2 = CH1 = 0, CH0
= 1) and A/D interrupt request to enable (ADIE = 1) then start A/D conversion (ADST = 1).
2. When A/D conversion is complete, A/D conversion result is transferred to ADDRB. At the
same time, ADF = 1 will become ADF = 0 and the mid-speed converter will standby for
conversion.
3. Since ADF = 1 and ADIE = 1, ADI interrupt request will occur.
4. The A/D interrupt process routine will start.
5. After reading ADF = 1, write 0 to ADF.
6. Read the A/D conversion result (ADDRB) and process.
7. End A/D interrupt process routine execution. When ADST bit is set to 1, A/D conversion
starts, following steps (2) to (7) above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com