Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 437 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 437 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 433Page - Renesas Technology Corp SH7014 Datasheet HTML 434Page - Renesas Technology Corp SH7014 Datasheet HTML 435Page - Renesas Technology Corp SH7014 Datasheet HTML 436Page - Renesas Technology Corp SH7014 Datasheet HTML 437Page - Renesas Technology Corp SH7014 Datasheet HTML 438Page - Renesas Technology Corp SH7014 Datasheet HTML 439Page - Renesas Technology Corp SH7014 Datasheet HTML 440Page - Renesas Technology Corp SH7014 Datasheet HTML 441Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 437 / 754 page
background image
14. Mid-Speed A/D Converter
⎯ SH7016, SH7017 ⎯
Rev.5.00 Sep. 27, 2007 Page 403 of 716
REJ09B0398-0500
Bit 5
⎯A/D Start (ADST): Selects start/end of A/D conversion. A 1 is maintained during A/D
conversion start. It is also possible to set a 1 by the MTU trigger input.
Bit 5
ADST
Description
0
A/D conversion halted
(Initial value)
1
1. Single mode: Starts A/D conversion. Automatically clears to 0 when conversion of
the designated channel is complete
2. Scan mode: Starts A/D conversion. Continuous conversion until cleared to 0 by the
software
Bit 4
⎯Scan Mode (SCAN): Selects the A/D conversion mode from single mode and scan mode.
For operations during single/scan mode, see section 14.4, Operation. When switching modes,
proceed while ADST = 0.
Bit 4
SCAN
Description
0
Single mode
(Initial value)
1
Scan mode
Bit 3
⎯Clock Select (CKS): Sets the A/D conversion time. Proceed conversion time switch while
ADST = 0. Always set CKS = 0 when operating frequency exceeds 20MHz.
Bit 3
CKS
Description
0
Conversion time = 266 states (max)
(Initial value)
1
Conversion time = 134 states (max)
Bits 2 to 0
⎯Channel select 2 to 0 (CH2 to CH0): Selects the analog input channel along with
the SCAN bit. Switch channels while ADST = 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com