Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 435 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 435 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 431Page - Renesas Technology Corp SH7014 Datasheet HTML 432Page - Renesas Technology Corp SH7014 Datasheet HTML 433Page - Renesas Technology Corp SH7014 Datasheet HTML 434Page - Renesas Technology Corp SH7014 Datasheet HTML 435Page - Renesas Technology Corp SH7014 Datasheet HTML 436Page - Renesas Technology Corp SH7014 Datasheet HTML 437Page - Renesas Technology Corp SH7014 Datasheet HTML 438Page - Renesas Technology Corp SH7014 Datasheet HTML 439Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 435 / 754 page
background image
14. Mid-Speed A/D Converter
⎯ SH7016, SH7017 ⎯
Rev.5.00 Sep. 27, 2007 Page 401 of 716
REJ09B0398-0500
14.2
Register Descriptions
14.2.1
A/D Data Register A to D (ADDRA to ADDRD)
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
AD9
AD8
AD7
AD6
AD5
AD4
AD3
AD2
AD1
AD0
⎯⎯⎯⎯⎯⎯
0000000000000000
R
ADDRn :
R/W :
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Note: n = A to D
Initial value :
Bit :
A/D registers are special registers that read stored results of A/D conversion in 16 bits. There are
four registers: ADDRA to ADDRD.
The A/D converted data is 10 bit data which is to the ADDR of the corresponding converted
channel for storage. The upper 8 bits of the A/D converted data correspond to the upper byte of the
ADDR and the lower 2 bits correspond to the lower byte. Bits 5 to 0 of the lower byte of ADDR
are reserved and always read 0. Analog input channels and correspondence to ADDR are shown in
table 14.3.
ADDR can always be read from the CPU. The upper byte may be read directly. The lower byte is
transferred through the temporary register (TEMP). For details, see section 14.3, Interface with
CPU.
ADDR is initialized to H'0000 during power-on reset.
Table 14.3
Analog Input Channel and ADDRA to ADDRD Correspondence
Analog Input Channel
Group
Group 1
A/D Data Register
AN0
AN4
ADDRA
AN1
AN5
ADDRB
AN2
AN6
ADDRC
AN3
AN7
ADDRD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com