Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 431 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 431 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 427Page - Renesas Technology Corp SH7014 Datasheet HTML 428Page - Renesas Technology Corp SH7014 Datasheet HTML 429Page - Renesas Technology Corp SH7014 Datasheet HTML 430Page - Renesas Technology Corp SH7014 Datasheet HTML 431Page - Renesas Technology Corp SH7014 Datasheet HTML 432Page - Renesas Technology Corp SH7014 Datasheet HTML 433Page - Renesas Technology Corp SH7014 Datasheet HTML 434Page - Renesas Technology Corp SH7014 Datasheet HTML 435Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 431 / 754 page
background image
14. Mid-Speed A/D Converter
⎯ SH7016, SH7017 ⎯
Rev.5.00 Sep. 27, 2007 Page 397 of 716
REJ09B0398-0500
Section 14 Mid-Speed A/D Converter
⎯ SH7016, SH7017 ⎯
14.1
Overview
The mid-speed A/D converter has 10 bit resolution, and can select from a maximum of eight
channels of analog input.
14.1.1
Features
The mid-speed A/D converter has the following features:
• 10-bit resolution
• Eight input channels
• Conversion time
⎯ Minimum conversion time: per channel: 6.7 μs (20MHz)
• Multiple conversion modes: Single mode/scan mode
⎯ Single mode: 1 channel A/D conversion
⎯ 1 to 4 channel simultaneous conversion
• Four 16-bit data registers
⎯ The results of A/D conversion are transferred to and held in the data register for the
relevant channel.
• Sample and hold function
• A/D conversion end interrupt generation
⎯ An A/D conversion end interrupt (ADI) can be generated on completion of A/D
conversion.
• A/D conversion can be started by MTU trigger input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com