Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 429 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 429 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 425Page - Renesas Technology Corp SH7014 Datasheet HTML 426Page - Renesas Technology Corp SH7014 Datasheet HTML 427Page - Renesas Technology Corp SH7014 Datasheet HTML 428Page - Renesas Technology Corp SH7014 Datasheet HTML 429Page - Renesas Technology Corp SH7014 Datasheet HTML 430Page - Renesas Technology Corp SH7014 Datasheet HTML 431Page - Renesas Technology Corp SH7014 Datasheet HTML 432Page - Renesas Technology Corp SH7014 Datasheet HTML 433Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 429 / 754 page
background image
13. High Speed A/D Converter
⎯ SH7014 ⎯
Rev.5.00 Sep. 27, 2007 Page 395 of 716
REJ09B0398-0500
13.6.6
Handling of Analog Input Pins
To prevent damage from surges and other abnormal voltages at the analog input pins (AN0 to
AN7), connect a protection circuit such as that shown in figure 13.12. This circuit also includes a
CR filter function that suppresses error due to noise. The circuit shown here is only a design
example; circuit constants must be decided on the basis of the actual operating conditions.
Figure 13.13 shows an equivalent circuit for the analog input pins, and table 13.10 summarizes the
analog input pin specifications.
100
Ω
0.1
μF
AVcc
AN0 to AN7
AVss
SH7014
10
μF
0.01
μF
Note: *
*
Figure 13.12 Example of Analog Input Pin Protection Circuit
Analog multiplexer
AN0 to AN7
1.0 k
Ω
20 pF
1 M
Ω
High speed
A/D converter
Note: Numeric values are reference values.
Figure 13.13 Analog Input Pin Equivalent Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com