Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 428 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 428 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 424Page - Renesas Technology Corp SH7014 Datasheet HTML 425Page - Renesas Technology Corp SH7014 Datasheet HTML 426Page - Renesas Technology Corp SH7014 Datasheet HTML 427Page - Renesas Technology Corp SH7014 Datasheet HTML 428Page - Renesas Technology Corp SH7014 Datasheet HTML 429Page - Renesas Technology Corp SH7014 Datasheet HTML 430Page - Renesas Technology Corp SH7014 Datasheet HTML 431Page - Renesas Technology Corp SH7014 Datasheet HTML 432Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 428 / 754 page
background image
13. High Speed A/D Converter
⎯ SH7014 ⎯
Rev.5.00 Sep. 27, 2007 Page 394 of 716
REJ09B0398-0500
13.6
Usage Notes
Note the following points concerning the high speed A/D converter.
13.6.1
Analog Input Voltage Range
During A/D conversions, see that the voltage applied to the analog input pins AN0 to AN7 is
within the range of AV
SS ≤ AN0 to AN7 ≤ AVCC.
13.6.2
AV
CC, AVSS Input Voltages
The AV
CC, AVSS input voltages should be AVCC = VCC ±10%, and AVSS = VSS. When not using the
high speed A/D converter, make AV
CC = VCC and AVSS = VSS. When in standby mode, make VRAM ≤
AV
CC ≤ 5.5 V, and AVSS = VSS. VRAM is the RAM standby voltage.
13.6.3
Input Ports
Make the time constant of circuitry connected to an input port shorter than the high speed A/D
converter sampling time. If the time constant of the circuit is longer, there will be occasions where
the input voltage is not adequately sampled.
13.6.4
Conversion Start Modes
Current consumption will be different for the A/D conversion operation in high speed start mode
and low-power conversion mode according to the PWR bit setting.
13.6.5
A/D Conversion Termination (HD6417014R only)
If conversion is terminated while in progress (when ADST = 1) in high-speed start mode (PWR =
1) by clearing the ADST bit, there may be a large degree of error in the first conversion following
the restart (on channel 1 in normal mode, or channel 2 in simultaneous sampling mode).
Subsequent conversions will be performed normally
If A/D conversion is terminated while in progress, use one of the following methods to solve this
problem:
(a) Ignore the first data following a restart after termination.
(b) If the first data after a restart is used, perform a single dummy conversion in single mode after
the termination, terminate A/D conversion, then restart.
(c) After termination, write 0 to the PWR bit before restarting. (In this case, the first conversion
after the restart will begin after the elapse of 200 A/D reference clock cycles.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com