Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 427 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 427 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 423Page - Renesas Technology Corp SH7014 Datasheet HTML 424Page - Renesas Technology Corp SH7014 Datasheet HTML 425Page - Renesas Technology Corp SH7014 Datasheet HTML 426Page - Renesas Technology Corp SH7014 Datasheet HTML 427Page - Renesas Technology Corp SH7014 Datasheet HTML 428Page - Renesas Technology Corp SH7014 Datasheet HTML 429Page - Renesas Technology Corp SH7014 Datasheet HTML 430Page - Renesas Technology Corp SH7014 Datasheet HTML 431Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 427 / 754 page
background image
13. High Speed A/D Converter
⎯ SH7014 ⎯
Rev.5.00 Sep. 27, 2007 Page 393 of 716
REJ09B0398-0500
13.5
Interrupts
The high speed A/D converter generates an A/D conversion end interrupt (ADI) upon completion
of A/D conversions. The ADI interrupt request can be enabled or disabled by the ADIE bit of the
ADCSR.
The DMAC can be activated by ADI interrupts. When converted data is read by the DMAC upon
an ADI interrupt, consecutive conversions can be done without software responsibility.
Table 13.9 lists the high speed A/D converter interrupt sources.
During scan mode, if the ADIE bit is set to 1, A/D conversion is temporarily suspended
immediately when the ADF flag is set to 1. A/D conversion is restarted when the ADF flag is
cleared to 0.
When the DMAC is activated by an ADI interrupt, the ADF flag is cleared to 0 when the final
specified data register is read.
Table 13.9
High Speed A/D Converter Interrupt Sources
Interrupt Source
Description
DMAC Activation
ADI
Interrupt caused by conversion end
Possible



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com