Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 426 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 426 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 422Page - Renesas Technology Corp SH7014 Datasheet HTML 423Page - Renesas Technology Corp SH7014 Datasheet HTML 424Page - Renesas Technology Corp SH7014 Datasheet HTML 425Page - Renesas Technology Corp SH7014 Datasheet HTML 426Page - Renesas Technology Corp SH7014 Datasheet HTML 427Page - Renesas Technology Corp SH7014 Datasheet HTML 428Page - Renesas Technology Corp SH7014 Datasheet HTML 429Page - Renesas Technology Corp SH7014 Datasheet HTML 430Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 426 / 754 page
background image
13. High Speed A/D Converter
⎯ SH7014 ⎯
Rev.5.00 Sep. 27, 2007 Page 392 of 716
REJ09B0398-0500
Table 13.7
A/D Conversion Times
CKS = 0
CKS = 1
Time
Symbol
Min
Typ
Max
Min
Typ
Max
A/D conversion start
delay time
t
D
1.5
1.5
1.5
1.5
1.5
1.5
Input sampling time
t
SPL
20
20
20
40
40
40
A/D conversion time
t
CONV
42.5
42.5
42.5
82.5
82.5
82.5
Notes: 1. Unit: states
2. Table entries are for when PWR = 1. If 200 states have not elapsed since the ADST bit
has been set, no conversions are done until after those 200 states have occurred.
When PWR = 0, add 200 states to the first A/D conversion start delay time. When two
or more conversions are performed in succession, tcp is 20 cycles when CKS = 0, and
40 cycles when CKS = 1.
The CKS bit of the ADCSR is the operation time t
CONV, but set so that this is 2 μs or greater. Table
13.8 shows the operating frequency and CKS bit settings.
Table 13.8
Operating Frequency and CKS Bit Settings
Minimum Conversion Time (
μs)
CKS
Conversion Time (States)
28 MHz
20 MHz
16 MHz
10 MHz
8 MHz
0
42.5
⎯
2.1
2.6
4.3
5.3
1
82.5
2.9
4.2
5.0
8.3
10.3
Note:
The indication "
⎯" means the setting is not available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com