Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 439 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 439 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 435Page - Renesas Technology Corp SH7014 Datasheet HTML 436Page - Renesas Technology Corp SH7014 Datasheet HTML 437Page - Renesas Technology Corp SH7014 Datasheet HTML 438Page - Renesas Technology Corp SH7014 Datasheet HTML 439Page - Renesas Technology Corp SH7014 Datasheet HTML 440Page - Renesas Technology Corp SH7014 Datasheet HTML 441Page - Renesas Technology Corp SH7014 Datasheet HTML 442Page - Renesas Technology Corp SH7014 Datasheet HTML 443Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 439 / 754 page
background image
14. Mid-Speed A/D Converter
⎯ SH7016, SH7017 ⎯
Rev.5.00 Sep. 27, 2007 Page 405 of 716
REJ09B0398-0500
14.3
Interface with CPU
Although A/D data register ADDRA to ADDRD are 16-bit registers, the bus width within the chip
that integrates with the CPU is 8-bits. So, the lower byte data is read through the temporary
register (TEMP). The upper byte data can be read directly.
The procedure for reading data from ADDR is as follows: First, read the upper byte data from
ADDR. At this time, the upper byte data is read directly into the CPU and the lower byte data is
transferred to TEMP of the mid-speed A/D converter. Next, read the lower byte to read the TEMP
contents into the CPU.
When reading the ADDR in byte size, read the upper byte before the lower byte. Furthermore, it is
possible to read only the upper byte, however, please note that contents are not guaranteed when
reading only the lower byte. In this case, ADDR can be read from the upper-byte address with a
word transfer instruction (such as MOV.W).
Figure 14.2 shows the data flow when reading from ADDR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com