Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 447 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 447 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 443Page - Renesas Technology Corp SH7014 Datasheet HTML 444Page - Renesas Technology Corp SH7014 Datasheet HTML 445Page - Renesas Technology Corp SH7014 Datasheet HTML 446Page - Renesas Technology Corp SH7014 Datasheet HTML 447Page - Renesas Technology Corp SH7014 Datasheet HTML 448Page - Renesas Technology Corp SH7014 Datasheet HTML 449Page - Renesas Technology Corp SH7014 Datasheet HTML 450Page - Renesas Technology Corp SH7014 Datasheet HTML 451Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 447 / 754 page
background image
14. Mid-Speed A/D Converter
⎯ SH7016, SH7017 ⎯
Rev.5.00 Sep. 27, 2007 Page 413 of 716
REJ09B0398-0500
Table 14.4
A/D Conversion Time (Single Mode)
CKS = 0
CKS = 1
Notation Min
Typ
Max
Min
Typ
Max
A/D conversion start delay time t
D
10
⎯
17
6
⎯
9
Input sampling time
t
SPL
⎯
64
⎯
⎯
32
⎯
A/D conversion time
t
CCNV
259
⎯
266
131
⎯
134
Note:
Numbers in the table are in states (t
cyc).
14.4.4
MTU Trigger Input Timing
It is possible to start A/D conversion from an MTU trigger input. MTU trigger input is input from
MTU when the TRGE bit of the A/D control register (ADCR) is set to 1.
A/D conversion is started when the ADST bit of the A/D control/status register (ADCSR) is set to
1 by MTU trigger. Other operations, regardless of whether in the single or scan mode, are the
same as when setting the ADST bit to 1 with the software.
Figure 14.6 shows an example of external trigger input timing.
MTU trigger
signal
A/D conversion
CK
ADST
Figure 14.6 External Trigger Input Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com