Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 478 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 478 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 474Page - Renesas Technology Corp SH7014 Datasheet HTML 475Page - Renesas Technology Corp SH7014 Datasheet HTML 476Page - Renesas Technology Corp SH7014 Datasheet HTML 477Page - Renesas Technology Corp SH7014 Datasheet HTML 478Page - Renesas Technology Corp SH7014 Datasheet HTML 479Page - Renesas Technology Corp SH7014 Datasheet HTML 480Page - Renesas Technology Corp SH7014 Datasheet HTML 481Page - Renesas Technology Corp SH7014 Datasheet HTML 482Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 478 / 754 page
background image
16. Pin Function Controller (PFC)
Rev.5.00 Sep. 27, 2007 Page 444 of 716
REJ09B0398-0500
16.2
Register Configuration
Table 16.4 summarizes the registers of the pin function controller.
Table 16.4
Pin Function Controller Registers
Name
Abbreviation R/W
Initial Value
Address
Access Size
Port A I/O register L
PAIORL
R/W
H'0000
H'FFFF8386
H'FFFF8387
8, 16, 32
Port A control register L1 PACRL1
R/W
H'0000*
1
H'4000
H'FFFF838C
H'FFFF838D
8, 16, 32
Port A control register L2 PACRL2
R/W
H'0000
H'FFFF838E
H'FFFF838F
8, 16, 32
Port B I/O register
PBIOR
R/W
H'0000
H'FFFF8394
H'FFFF8395
8, 16, 32
Port B control register 1 PBCR1
R/W
H'0000
H'FFFF8398
H'FFFF8399
8, 16, 32
Port B control register 2 PBCR2
R/W
H'0000
H'FFFF839A
H'FFFF839B
8, 16, 32
Port C I/O register*
2
PCIOR
R/W
H'0000
H'FFFF8396
H'FFFF8397
8, 16, 32
Port C control register*
2
PCCR
R/W
H'0000
H'FFFF839C
H'FFFF839D
8, 16, 32
Port D I/O register L*
2
PDIORL
R/W
H'0000
H'FFFF83A6
H'FFFF83A7
8, 16, 32
Port D control register L*
2 PDCRL
R/W
H'0000
H'FFFF83AC
H'FFFF83AD
8, 16, 32
Port E I/O register
PEIOR
R/W
H'0000
H'FFFF83B4
H'FFFF83B5
8, 16, 32
Port E control register 1 PECR1
R/W
H'0000
H'FFFF83B8
H'FFFF83B9
8, 16, 32
Port E control register 2 PECR2
R/W
H'0000
H'FFFF83BA
H'FFFF83BB
8, 16, 32
Notes: 1. The port A control register L1 initial value varies depending on the operating mode.
2. SH7016, SH7017 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com