Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 479 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 479 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 475Page - Renesas Technology Corp SH7014 Datasheet HTML 476Page - Renesas Technology Corp SH7014 Datasheet HTML 477Page - Renesas Technology Corp SH7014 Datasheet HTML 478Page - Renesas Technology Corp SH7014 Datasheet HTML 479Page - Renesas Technology Corp SH7014 Datasheet HTML 480Page - Renesas Technology Corp SH7014 Datasheet HTML 481Page - Renesas Technology Corp SH7014 Datasheet HTML 482Page - Renesas Technology Corp SH7014 Datasheet HTML 483Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 479 / 754 page
background image
16. Pin Function Controller (PFC)
Rev.5.00 Sep. 27, 2007 Page 445 of 716
REJ09B0398-0500
16.3
Register Descriptions
16.3.1
Port A I/O Register L (PAIORL)
Bit:
15
14
13
12
11
10
9
8
PA15
IOR
PA14
IOR
PA13
IOR
PA12
IOR
PA11
IOR
PA10
IOR
PA9
IOR
PA8
IOR
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W*
R/W*
R/W*
R/W*
R/W*
R/W
R/W
Bit:
7
6
5
4
3
2
1
0
PA7
IOR
PA6
IOR
PA5
IOR
PA4
IOR
PA3
IOR
PA2
IOR
PA1
IOR
PA0
IOR
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Note:
*
R only in the SH7014
The port A I/O register L (PAIORL) is a 16-bit read/write register that selects input or output for
the 16 pins of port A (11 pins in the SH7014). Bits PA15IOR to PA0IOR correspond to pins
PA15/CK to PA0/RXD0. PAIORL is enabled when the port A pins function as general
input/outputs (PA15 to PA0), or with the serial clock (SCK1, SCK0). For other functions, it is
disabled.
When the port A pin functions PA15 to PA0 are SCK1, SCK0, a given pin in port A is an output
pin if its corresponding PAIORL bit is set to 1, and an input pin if the bit is cleared to 0.
PAIORL is initialized to H'0000 by external power-on reset; however, it is not initialized for reset
by WDT, standby mode, or sleep mode, so the previous data is maintained.
The settings of bits 14 to 10 of this register are functional only in the SH7016 and SH7017. In the
SH7014, there are no pins corresponding to bits 14 to 10; these bits are always read as 0, and their
write value should always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com