Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 480 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 480 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 476Page - Renesas Technology Corp SH7014 Datasheet HTML 477Page - Renesas Technology Corp SH7014 Datasheet HTML 478Page - Renesas Technology Corp SH7014 Datasheet HTML 479Page - Renesas Technology Corp SH7014 Datasheet HTML 480Page - Renesas Technology Corp SH7014 Datasheet HTML 481Page - Renesas Technology Corp SH7014 Datasheet HTML 482Page - Renesas Technology Corp SH7014 Datasheet HTML 483Page - Renesas Technology Corp SH7014 Datasheet HTML 484Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 480 / 754 page
background image
16. Pin Function Controller (PFC)
Rev.5.00 Sep. 27, 2007 Page 446 of 716
REJ09B0398-0500
16.3.2
Port A Control Registers L1, L2 (PACRL1 and PACRL2)
PACRL1 and PACRL2 are 16-bit read/write registers that select the functions of the 16
multiplexed pins of port A (11 pins in the SH7014). PACRL1 selects the function of the PA15/CK
to PA8/TCLKC/
IRQ2 pins of port A; PACRL2 selects the function of the PA7/TCLKB/CS3 to
PA0/RXD0 pins of port A.
Port A includes bus control signals (
RD, WRH, WRL, CS0 to CS3, and AH) and DMAC control
signals (
DREQ0 and DREQ1), but in the SH7016 and SH7017, register settings relating to the
selection of these pin functions may be invalid depending on the operating mode. For details, see
table 16.2, Pin Functions in Each Operating Mode.
PACRL1 is initialized by external power-on reset to H'4000 in extended mode, and to H'0000 in
single chip mode. PACRL2 is initialized by external power-on reset to H'0000. Neither register is
initialized by reset by WDT, standby mode, or sleep mode, so the previous data is maintained.
The settings of bits 12, 10, 8, 6, and 4 of PACRL1 are functional only in the SH7016 and SH7017.
In the SH7014, there are no pins corresponding to these bits; they are always read as 0, and their
write value should always be 0.
Port A Control Register L1 (PACRL1):
Bit:
15
14
13
12
11
10
9
8
⎯
PA15MD
⎯
PA14MD
⎯
PA13MD
⎯
PA12MD
Initial value:
0
0 (1)
*
1
0
0
0
0
0
0
R/W:
R
R/W
R
R/W
*
2
R
R/W
*
2
R
R/W
*
2
Bit:
7
6
5
4
3
2
1
0
⎯
PA11MD
⎯
PA10MD PA9MD1 PA9MD0 PA8MD1 PA8MD0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R/W*
2
R
R/W*
2
R/W
R/W
R/W
R/W
Notes: 1. Bit 14 is initialized to 1 in extended mode.
2. R only in the SH7014.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com