Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 505 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 505 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 501Page - Renesas Technology Corp SH7014 Datasheet HTML 502Page - Renesas Technology Corp SH7014 Datasheet HTML 503Page - Renesas Technology Corp SH7014 Datasheet HTML 504Page - Renesas Technology Corp SH7014 Datasheet HTML 505Page - Renesas Technology Corp SH7014 Datasheet HTML 506Page - Renesas Technology Corp SH7014 Datasheet HTML 507Page - Renesas Technology Corp SH7014 Datasheet HTML 508Page - Renesas Technology Corp SH7014 Datasheet HTML 509Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 505 / 754 page
background image
16. Pin Function Controller (PFC)
Rev.5.00 Sep. 27, 2007 Page 471 of 716
REJ09B0398-0500
16.3.10
Port E Control Registers 1, 2 (PECR1 and PECR2)
PECR1 and PECR2 are 16-bit read/write registers that select the functions of the sixteen
multiplexed pins of port E. PECR1 selects the functions of the upper eight bit pins of port E;
PECR2 selects the function of the lower eight bit pins of port E.
Port E includes a bus control signal (
AH) and DMAC control signals (DACK1, DACK0, DRAK1,
and DRAK0), but in the SH7016 and SH7017, settings in these registers relating to the selection
of these pin functions may be invalid in single-chip mode. For details, see table 16.3, Pin
Functions in Each Operating Mode.
PECR1 and PECR2 are both initialized to H'0000 by external power-on reset but are not initialized
for reset by WDT, standby mode, or sleep mode, so the previous data is maintained.
Port E Control Register 1 (PECR1):
Bit:
15
14
13
12
11
10
9
8
PE15
MD1
PE15
MD0
PE14
MD1
PE14
MD0
⎯
⎯
⎯
⎯
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R
R
R
R
Bit:
7
6
5
4
3
2
1
0
⎯
⎯
⎯
⎯
⎯
⎯
⎯
⎯
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R
R
R
R
R
R
R
Bits 15 and 14
⎯PE15 Mode 1, 0 (PE15MD1 and PE15MD0): These bits select the function of
the PE15/DACK1 pin.
Bit 15
PE15MD1
Bit 14
PE15MD0
Description
0
0
Input/output (PE15)
(initial value)
1
Reserved
1
0
DMA request received output (DACK1)
(PE15 in single-chip mode)
1
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com