Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 504 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 504 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 500Page - Renesas Technology Corp SH7014 Datasheet HTML 501Page - Renesas Technology Corp SH7014 Datasheet HTML 502Page - Renesas Technology Corp SH7014 Datasheet HTML 503Page - Renesas Technology Corp SH7014 Datasheet HTML 504Page - Renesas Technology Corp SH7014 Datasheet HTML 505Page - Renesas Technology Corp SH7014 Datasheet HTML 506Page - Renesas Technology Corp SH7014 Datasheet HTML 507Page - Renesas Technology Corp SH7014 Datasheet HTML 508Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 504 / 754 page
background image
16. Pin Function Controller (PFC)
Rev.5.00 Sep. 27, 2007 Page 470 of 716
REJ09B0398-0500
16.3.9
Port E I/O Register (PEIOR)
The port E I/O register (PEIOR) is a 16-bit read/write register that selects input or output
for the 16 port E pins. Bits PE15IOR to PE0IOR correspond to pins PE15/DACK1 to
PE0/TIOC0A/
DREQ0. PEIOR is enabled when the port E pins function as general input/outputs
(PE15 to PE0) or TIOC pin of the MTU. For other functions, it is disabled.
When the port E pin functions are as PE15 to PE0, or TIOC pin of the MTU, a given pin in port E
is an output pin if its corresponding PEIOR bit is set to 1, and an input pin if the bit is cleared to 0.
PEIOR is initialized to H'0000 by external power-on reset; however, it is not initialized for reset
by WDT, standby mode, or sleep mode, so the previous data is maintained.
Bit:
15
14
13
12
11
10
9
8
PE15
IOR
PE14
IOR
PE13
IOR
PE12
IOR
PE11
IOR
PE10
IOR
PE9
IOR
PE8
IOR
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
7
6
5
4
3
2
1
0
PE7
IOR
PE6
IOR
PE5
IOR
PE4
IOR
PE3
IOR
PE2
IOR
PE1
IOR
PE0
IOR
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com