Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 500 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 500 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 496Page - Renesas Technology Corp SH7014 Datasheet HTML 497Page - Renesas Technology Corp SH7014 Datasheet HTML 498Page - Renesas Technology Corp SH7014 Datasheet HTML 499Page - Renesas Technology Corp SH7014 Datasheet HTML 500Page - Renesas Technology Corp SH7014 Datasheet HTML 501Page - Renesas Technology Corp SH7014 Datasheet HTML 502Page - Renesas Technology Corp SH7014 Datasheet HTML 503Page - Renesas Technology Corp SH7014 Datasheet HTML 504Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 500 / 754 page
background image
16. Pin Function Controller (PFC)
Rev.5.00 Sep. 27, 2007 Page 466 of 716
REJ09B0398-0500
Bit 15
⎯PD15 Mode (PD15MD): Selects the function of the PD15/D15 pin.
Bit 15
PD15MD
Description
0
General input/output (PD15)
(initial value)
(D15 in on-chip ROM invalid mode)
1
Data input/output (D15) (PD15 in single chip mode)
Bit 14
⎯PD14 Mode (PD14MD): Selects the function of the PD14/D14 pin.
Bit 14
PD14MD
Description
0
General input/output (PD14)
(initial value)
(D14 in on-chip ROM invalid mode)
1
Data input/output (D14) (PD14 in single chip mode)
Bit 13
⎯PD13 Mode (PD13MD): Selects the function of the PD13/D13 pin.
Bit 13
PD13MD
Description
0
General input/output (PD13)
(initial value)
(D13 in on-chip ROM invalid mode)
1
Data input/output (D13) (PD13 in single chip mode)
Bit 12
⎯PD12 Mode (PD12MD): Selects the function of the PD12/D12 pin.
Bit 12
PD12MD
Description
0
General input/output (PD12)
(initial value)
(D12 in on-chip ROM invalid mode)
1
Data input/output (D12) (PD12 in single chip mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com