Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 499 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 499 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 495Page - Renesas Technology Corp SH7014 Datasheet HTML 496Page - Renesas Technology Corp SH7014 Datasheet HTML 497Page - Renesas Technology Corp SH7014 Datasheet HTML 498Page - Renesas Technology Corp SH7014 Datasheet HTML 499Page - Renesas Technology Corp SH7014 Datasheet HTML 500Page - Renesas Technology Corp SH7014 Datasheet HTML 501Page - Renesas Technology Corp SH7014 Datasheet HTML 502Page - Renesas Technology Corp SH7014 Datasheet HTML 503Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 499 / 754 page
background image
16. Pin Function Controller (PFC)
Rev.5.00 Sep. 27, 2007 Page 465 of 716
REJ09B0398-0500
16.3.8
Port D Control Register L (PDCRL)
⎯ SH7016, SH7017 ⎯
Bit:
15
14
13
12
11
10
9
8
PD15
MD
PD14
MD
PD13
MD
PD12
MD
PD11
MD
PD10
MD
PD9
MD
PD8
MD
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
7
6
5
4
3
2
1
0
PD7
MD
PD6
MD
PD5
MD
PD4
MD
PD3
MD
PD2
MD
PD1
MD
PD0
MD
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
PDCRL is a 16-bit read/write register that selects the multiplexed pin functions for the least
significant sixteen port D pins. There are instances when these register settings will be ignored,
depending on the operation mode.
On-Chip ROM-Disabled Extended Mode:
⎯ Mode 0 (8-bit bus): Port D pins are data I/O pins; PDCRL settings are disabled.
⎯ Mode 1 (16-bit bus): Port D pins are data I/O pins; PDCRL settings are disabled.
On-Chip ROM-Enabled Extended Mode: The port D pins are shared as data I/O pins and
general I/O pins; PDCRL settings are enabled.
Single Chip Mode: The port D pins are general I/O pins; PDCRL settings are disabled.
PDCRL is initialized to H'0000 by external power-on reset but is not initialized for reset by WDT,
standby mode, or sleep mode, so the previous data is maintained.
The settings in this register are functional only in the SH7016 and SH7017. In the SH7014, there
are no pins corresponding to this register, and it should not be read or written to.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com