| Electronic Components Datasheet Search |
|
SH7014 Datasheet(PDF) 498 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7014 Datasheet(HTML) 498 Page - Renesas Technology Corp |
|
498 / 754 page ![]() 16. Pin Function Controller (PFC) Rev.5.00 Sep. 27, 2007 Page 464 of 716 REJ09B0398-0500 16.3.7 Port D I/O Register L (PDIORL) ⎯ SH7016, SH7017 ⎯ Bit: 15 14 13 12 11 10 9 8 PD15 IOR PD14 IOR PD13 IOR PD12 IOR PD11 IOR PD10 IOR PD9 IOR PD8 IOR Initial value: 0 0 0 0 0 0 0 0 R/W: R/W R/W R/W R/W R/W R/W R/W R/W Bit: 7 6 5 4 3 2 1 0 PD7 IOR PD6 IOR PD5 IOR PD4 IOR PD3 IOR PD2 IOR PD1 IOR PD0 IOR Initial value: 0 0 0 0 0 0 0 0 R/W: R/W R/W R/W R/W R/W R/W R/W R/W The port D I/O register L (PDIORL) is a 16-bit read/write register that selects input or output for the sixteen port D pins. Bits PD15IOR to PD0IOR correspond to the PD15/D15 pin to PD0/D0 pin. PDIORL is enabled when the port D pins function as general input/outputs (PD15 to PD0). For other functions, it is disabled. For port D pin functions PD15 to PD0, a given pin in port D is an output pin if its corresponding PDIORL bit is set to 1, and an input pin if the bit is cleared to 0. PDIORL is initialized to H'0000 by external power-on reset; however, it is not initialized for reset by WDT, standby mode, or sleep mode, so the previous data is maintained. The settings in this register are functional only in the SH7016 and SH7017. In the SH7014, there are no pins corresponding to this register, and it should not be read or written to. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |