Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 494 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 494 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 490Page - Renesas Technology Corp SH7014 Datasheet HTML 491Page - Renesas Technology Corp SH7014 Datasheet HTML 492Page - Renesas Technology Corp SH7014 Datasheet HTML 493Page - Renesas Technology Corp SH7014 Datasheet HTML 494Page - Renesas Technology Corp SH7014 Datasheet HTML 495Page - Renesas Technology Corp SH7014 Datasheet HTML 496Page - Renesas Technology Corp SH7014 Datasheet HTML 497Page - Renesas Technology Corp SH7014 Datasheet HTML 498Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 494 / 754 page
background image
16. Pin Function Controller (PFC)
Rev.5.00 Sep. 27, 2007 Page 460 of 716
REJ09B0398-0500
Bit 14
⎯PC14 Mode (PC14MD): Selects the function of the PC14/A14 pin.
Bit 14
PC14MD
Description
0
General input/output (PC14)
(initial value)
(A14 in on-chip ROM invalid mode)
1
Address output (A14) (PC14 in single chip mode)
Bit 13
⎯PC13 Mode (PC13MD): Selects the function of the PC13/A13 pin.
Bit 13
PC13MD
Description
0
General input/output (PC13)
(initial value)
(A13 in on-chip ROM invalid mode)
1
Address output (A13) (PC13 in single chip mode)
Bit 12
⎯PC12 Mode (PC12MD): Selects the function of the PC12/A12 pin.
Bit 12
PC12MD
Description
0
General input/output (PC12)
(initial value)
(A12 in on-chip ROM invalid mode)
1
Address output (A12) (PC12 in single chip mode)
Bit 11
⎯PC11 Mode (PC11MD): Selects the function of the PC11/A11 pin.
Bit 11
PC11MD
Description
0
General input/output (PC11)
(initial value)
(A11 in on-chip ROM invalid mode)
1
Address output (A11) (PC11 in single chip mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com