Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 490 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 490 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 486Page - Renesas Technology Corp SH7014 Datasheet HTML 487Page - Renesas Technology Corp SH7014 Datasheet HTML 488Page - Renesas Technology Corp SH7014 Datasheet HTML 489Page - Renesas Technology Corp SH7014 Datasheet HTML 490Page - Renesas Technology Corp SH7014 Datasheet HTML 491Page - Renesas Technology Corp SH7014 Datasheet HTML 492Page - Renesas Technology Corp SH7014 Datasheet HTML 493Page - Renesas Technology Corp SH7014 Datasheet HTML 494Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 490 / 754 page
background image
16. Pin Function Controller (PFC)
Rev.5.00 Sep. 27, 2007 Page 456 of 716
REJ09B0398-0500
Bits 9 and 8
⎯PB4 Mode 1, 0 (PB4MD1 and PB4MD0): PB4MD1 and PB4MD0 select the
function of the PB4/
IRQ2/CASH pin.
Bit 9
PB4MD1
Bit 8
PB4MD0
Description
0
0
General input/output (PB4)
(initial value)
1
Interrupt request input (
IRQ2)
1
0
Reserved
1
Column address strobe (
CASH) (PB4 in single-chip mode)
Bits 7 and 6
⎯PB3 Mode 1, 0 (PB3MD1 and PB3MD0): PB3MD1 and PB3MD0 select the
function of the PB3/
IRQ1/CASL pin.
Bit 7
PB3MD1
Bit 6
PB3MD0
Description
0
0
General input/output (PB3)
(initial value)
1
Interrupt request input (
IRQ1)
1
0
Reserved
1
Column address strobe (
CASL) (PB3 in single-chip mode)
Bits 5 and 4
⎯PB2 Mode 1, 0 (PB2MD1 and PB2MD0): PB2MD1 and PB2MD0 select the
function of the PB2/
IRQ0/RAS pin.
Bit 5
PB2MD1
Bit 4
PB2MD0
Description
0
0
General input/output (PB2)
(initial value)
1
Interrupt request input (
IRQ0)
1
0
Reserved
1
Row address strobe (
RAS) (PB2 in single-chip mode)
Bit 3
⎯Reserved: This bit always reads as 0. The write value should always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com