Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 486 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 486 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 482Page - Renesas Technology Corp SH7014 Datasheet HTML 483Page - Renesas Technology Corp SH7014 Datasheet HTML 484Page - Renesas Technology Corp SH7014 Datasheet HTML 485Page - Renesas Technology Corp SH7014 Datasheet HTML 486Page - Renesas Technology Corp SH7014 Datasheet HTML 487Page - Renesas Technology Corp SH7014 Datasheet HTML 488Page - Renesas Technology Corp SH7014 Datasheet HTML 489Page - Renesas Technology Corp SH7014 Datasheet HTML 490Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 486 / 754 page
background image
16. Pin Function Controller (PFC)
Rev.5.00 Sep. 27, 2007 Page 452 of 716
REJ09B0398-0500
Bit 0
⎯PA0 Mode (PA0MD): Selects the function of the PA0/RxD0 pin.
Bit 0
PA0MD
Description
0
General input/output (PA0)
(initial value)
1
Receive data input (RxD0)
16.3.3
Port B I/O Register (PBIOR)
Bit:
15
14
13
12
11
10
9
8
⎯
⎯
⎯
⎯
⎯
⎯
PB9
IOR
PB8
IOR
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R
R
R
R
R
R/W
R/W
Bit:
7
6
5
4
3
2
1
0
PB7
IOR
PB6
IOR
PB5
IOR
PB4
IOR
PB3
IOR
PB2
IOR
PB1
IOR
PB0
IOR
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W*
R/W*
Note:
*
R only in the SH7014.
The port B I/O register L (PBIOR) is a 16-bit read/write register that selects input or output for the
ten pins of port B (eight pins in the SH7014). Bits PB9IOR to PB0IOR correspond to the
PB9/
IRQ7/A21 pin to PB0/A16 pin. PBIOR is enabled when the port B pins function as
input/outputs (PB9 to PB0). For other functions, it is disabled.
For port B pin functions PB9 to PB0, a given pin in port B is an output pin if its corresponding
PBIOR bit is set to 1, and an input pin if the bit is cleared to 0.
PBIOR is initialized to H'0000 by external power-on reset; however, it is not initialized for reset
by WDT, standby mode, or sleep mode, so the previous data is maintained.
The settings of bits 1 and 0 of PBIOR are functional only in the SH7016 and SH7017. In the
SH7014, there are no pins corresponding to these bits; they are always read as 0, and their write
value should always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com