| Electronic Components Datasheet Search |
|
SH7014 Datasheet(PDF) 487 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7014 Datasheet(HTML) 487 Page - Renesas Technology Corp |
|
487 / 754 page ![]() 16. Pin Function Controller (PFC) Rev.5.00 Sep. 27, 2007 Page 453 of 716 REJ09B0398-0500 16.3.4 Port B Control Registers (PBCR1 and PBCR2) PBCR1 and PBCR2 are 16-bit read/write registers that select the functions of the ten multiplexed pins of port B (eight pins in the SH7014). PBCR1 selects the functions of the top two bits of port B; PBCR2 selects the functions of the bottom eight bits of port B (six bits in the SH7014). Port B includes bus control signals (RDWR, RAS, CASH, CASL, and WAIT) and address outputs (A21 to A16), but in the SH7016 and SH7017, settings in these registers relating to the selection of these pin functions may be invalid in single-chip mode. For details, see table 16.3, Pin Functions in Each Operating Mode. PBCR1 and PBCR2 are both initialized to H'0000 by external power-on reset but are not initialized for reset by WDT, standby mode, or sleep mode, so the previous data is maintained. The settings of bits 2 and 0 of PBCR2 are functional only in the SH7016 and SH7017. In the SH7014, there are no pins corresponding to these bits; they are always read as 0, and their write value should always be 0. Port B Control Register 1 (PBCR1): Bit: 15 14 13 12 11 10 9 8 ⎯ ⎯ ⎯ ⎯ ⎯ ⎯ ⎯ ⎯ Initial value: 0 0 0 0 0 0 0 0 R/W: R R R R R R R R Bit: 7 6 5 4 3 2 1 0 ⎯ ⎯ ⎯ ⎯ PB9 MD1 PB9 MD0 PB8 MD1 PB8 MD0 Initial value: 0 0 0 0 0 0 0 0 R/W: R R R R R/W R/W R/W R/W |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |