Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 488 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 488 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 484Page - Renesas Technology Corp SH7014 Datasheet HTML 485Page - Renesas Technology Corp SH7014 Datasheet HTML 486Page - Renesas Technology Corp SH7014 Datasheet HTML 487Page - Renesas Technology Corp SH7014 Datasheet HTML 488Page - Renesas Technology Corp SH7014 Datasheet HTML 489Page - Renesas Technology Corp SH7014 Datasheet HTML 490Page - Renesas Technology Corp SH7014 Datasheet HTML 491Page - Renesas Technology Corp SH7014 Datasheet HTML 492Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 488 / 754 page
background image
16. Pin Function Controller (PFC)
Rev.5.00 Sep. 27, 2007 Page 454 of 716
REJ09B0398-0500
Bits 15 to 4
⎯Reserved: These bits always read as 0. The write value should always be 0.
Bits 3 and 2
⎯PB9 Mode 1, 0 (PB9MD1 and PB9MD0): PB9MD1 and PB9MD0 select the
function of the PB9/
IRQ7/A21 pin.
Bit 3
PB9MD1
Bit 2
PB9MD0
Description
0
0
General input/output (PB9)
(initial value)
1
Interrupt request input (
IRQ7)
1
0
Address output (A21) (PB9 in single-chip mode)
1
Reserved
Bits 1 and 0
⎯PB8 Mode 1, 0 (PB8MD1 and PB8MD0): PB8MD1 and PB8MD0 select the
function of the PB8/
IRQ6/A20/WAIT pin.
Bit 1
PB8MD1
Bit 0
PB8MD0
Description
0
0
General input/output (PB8)
(initial value)
1
Interrupt request input (
IRQ6)
1
0
Address output (A20) (PB8 in single-chip mode)
1
Wait state request input (
WAIT)
(PB8 in single-chip mode)
Port B Control Register 2 (PBCR2):
Bit:
15
14
13
12
11
10
9
8
PB7MD1 PB7MD0 PB6MD1 PB6MD0 PB5MD1 PB5MD0 PB4MD1 PB4MD0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
7
6
5
4
3
2
1
0
PB3MD1 PB3MD0 PB2MD1 PB2MD0
⎯
PB1MD
⎯
PB0MD
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R
R/W*
R
R/W*
Note:
*
R only in the SH7014.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com