Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 485 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 485 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 481Page - Renesas Technology Corp SH7014 Datasheet HTML 482Page - Renesas Technology Corp SH7014 Datasheet HTML 483Page - Renesas Technology Corp SH7014 Datasheet HTML 484Page - Renesas Technology Corp SH7014 Datasheet HTML 485Page - Renesas Technology Corp SH7014 Datasheet HTML 486Page - Renesas Technology Corp SH7014 Datasheet HTML 487Page - Renesas Technology Corp SH7014 Datasheet HTML 488Page - Renesas Technology Corp SH7014 Datasheet HTML 489Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 485 / 754 page
background image
16. Pin Function Controller (PFC)
Rev.5.00 Sep. 27, 2007 Page 451 of 716
REJ09B0398-0500
Bit 8
⎯PA4 Mode (PA4MD): Selects the function of the PA4/TxD1 pin.
Bit 8
PA4MD
Description
0
General input/output (PA4)
(initial value)
1
Transmit data output (TxD1)
Bit 7
⎯Reserved: This bit always reads as 0. The write value should always be 0.
Bit 6
⎯PA3 Mode (PA3MD): Selects the function of the PA3/RxD1 pin.
Bit 6
PA3MD
Description
0
General input/output (PA3)
(initial value)
1
Receive data input (RxD1)
Bits 5 and 4
⎯PA2 Mode 1, 0 (PA2MD1 and PA2MD0): These bits select the function of the
PA2/SCK0/
DREQ0/IRQ0 pin.
Bit 5
PA2MD1
Bit 4
PA2MD0
Description
0
0
General input/output (PA2)
(initial value)
1
Serial clock input/output (SCK0)
1
0
DMA transfer request received input (
DREQ0)
(PA2 in single-chip mode)
1
Interrupt request input (
IRQ0)
Bit 3
⎯Reserved: This bit always reads as 0. The write value should always be 0.
Bit 2
⎯PA1 Mode (PA1MD): Selects the function of the PA1/TxD0 pin.
Bit 2
PA1MD
Description
0
General input/output (PA1)
(initial value)
1
Transmit data output (TxD0)
Bit 1
⎯Reserved: This bit always reads as 0. The write value should always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com