Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 489 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 489 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 485Page - Renesas Technology Corp SH7014 Datasheet HTML 486Page - Renesas Technology Corp SH7014 Datasheet HTML 487Page - Renesas Technology Corp SH7014 Datasheet HTML 488Page - Renesas Technology Corp SH7014 Datasheet HTML 489Page - Renesas Technology Corp SH7014 Datasheet HTML 490Page - Renesas Technology Corp SH7014 Datasheet HTML 491Page - Renesas Technology Corp SH7014 Datasheet HTML 492Page - Renesas Technology Corp SH7014 Datasheet HTML 493Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 489 / 754 page
background image
16. Pin Function Controller (PFC)
Rev.5.00 Sep. 27, 2007 Page 455 of 716
REJ09B0398-0500
Bits 15 and 14
⎯PB7 Mode 1, 0 (PB7MD1 and PB7MD0): PB7MD1 and PB7MD0 select the
function of the PB7/A19 pin.
Bit 15
PB7MD1
Bit 14:
PB7MD0
Description
0
0
General input/output (PB7)
(initial value)
1
Reserved
1
0
Address output (A19) (PB7 in single-chip mode)
1
Reserved
Bits 13 and 12
⎯PB6 Mode 1, 0 (PB6MD1 and PB6MD0): PB6MD1 and PB6MD0 select the
function of the PB6/A18 pin.
Bit 13
PB6MD1
Bit 12
PB6MD0
Description
0
0
General input/output (PB6)
(initial value)
1
Reserved
1
0
Address output (A18) (PB6 in single-chip mode)
1
Reserved
Bits 11 and 10
⎯PB5 Mode 1, 0 (PB5MD1 and PB5MD0): PB5MD1 and PB5MD0 select the
function of the PB5/
IRQ3/RDWR pin.
Bit 11
PB5MD1
Bit 10
PB5MD0
Description
0
0
General input/output (PB5)
(initial value)
1
Interrupt request input (
IRQ3)
1
0
Reserved
1
Read/write output (RDWR) (PB5 in single-chip mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com