| Electronic Components Datasheet Search |
|
SH7014 Datasheet(PDF) 492 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7014 Datasheet(HTML) 492 Page - Renesas Technology Corp |
|
492 / 754 page ![]() 16. Pin Function Controller (PFC) Rev.5.00 Sep. 27, 2007 Page 458 of 716 REJ09B0398-0500 16.3.5 Port C I/O Register (PCIOR) ⎯ SH7016, SH7017 ⎯ Bit: 15 14 13 12 11 10 9 8 PC15 IOR PC14 IOR PC13 IOR PC12 IOR PC11 IOR PC10 IOR PC9 IOR PC8 IOR Initial value: 0 0 0 0 0 0 0 0 R/W: R/W R/W R/W R/W R/W R/W R/W R/W Bit: 7 6 5 4 3 2 1 0 PC7 IOR PC6 IOR PC5 IOR PC4 IOR PC3 IOR PC2 IOR PC1 IOR PC0 IOR Initial value: 0 0 0 0 0 0 0 0 R/W: R/W R/W R/W R/W R/W R/W R/W R/W The port C I/O register (PCIOR) is a 16-bit read/write register that selects input or output for the 16 port C pins. Bits PC15IOR to PC0IOR correspond to pins PC15/A15 to PC0/A0. PCIOR is enabled when the port C pins function as general input/outputs (PC15 to PC0). For other functions, it is disabled. When the port C pin functions are as PC15 to PC0, a given pin in port C is an output pin if its corresponding PCIOR bit is set to 1, and an input pin if the bit is cleared to 0. PCIOR is initialized to H'0000 by external power-on reset; however, it is not initialized for reset by WDT, standby mode, or sleep mode, so the previous values are maintained. The settings in this register are functional only in the SH7016 and SH7017. In the SH7014, there are no pins corresponding to this register, and it should not be read or written to. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |