Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 503 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 503 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 499Page - Renesas Technology Corp SH7014 Datasheet HTML 500Page - Renesas Technology Corp SH7014 Datasheet HTML 501Page - Renesas Technology Corp SH7014 Datasheet HTML 502Page - Renesas Technology Corp SH7014 Datasheet HTML 503Page - Renesas Technology Corp SH7014 Datasheet HTML 504Page - Renesas Technology Corp SH7014 Datasheet HTML 505Page - Renesas Technology Corp SH7014 Datasheet HTML 506Page - Renesas Technology Corp SH7014 Datasheet HTML 507Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 503 / 754 page
background image
16. Pin Function Controller (PFC)
Rev.5.00 Sep. 27, 2007 Page 469 of 716
REJ09B0398-0500
Bit 3
⎯PD3 Mode (PD3MD): Selects the function of the PD3/D3 pin.
Bit 3
PD3MD
Description
0
General input/output (PD3)
(initial value)
(D3 in on-chip ROM invalid mode)
1
Data input/output (D3) (PD3 in single chip mode)
Bit 2
⎯PD2 Mode (PD2MD): Selects the function of the PD2/D2 pin.
Bit 2
PD2MD
Description
0
General input/output (PD2)
(initial value)
(D2 in on-chip ROM invalid mode)
1
Data input/output (D2) (PD2 in single chip mode)
Bit 1
⎯PD1 Mode (PD1MD): Selects the function of the PD1/D1 pin.
Bit 1
PD1MD
Description
0
General input/output (PD1)
(initial value)
(D1 in on-chip ROM invalid mode)
1
Data input/output (D1) (PD1 in single chip mode)
Bit 0
⎯PD0 Mode (PD0MD): Selects the function of the PD0/D0 pin.
Bit 0
PD0MD
Description
0
General input/output (PD0)
(initial value)
(D0 in on-chip ROM invalid mode)
1
Data input/output (D0) (PD0 in single chip mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com