Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 514 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 514 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 510Page - Renesas Technology Corp SH7014 Datasheet HTML 511Page - Renesas Technology Corp SH7014 Datasheet HTML 512Page - Renesas Technology Corp SH7014 Datasheet HTML 513Page - Renesas Technology Corp SH7014 Datasheet HTML 514Page - Renesas Technology Corp SH7014 Datasheet HTML 515Page - Renesas Technology Corp SH7014 Datasheet HTML 516Page - Renesas Technology Corp SH7014 Datasheet HTML 517Page - Renesas Technology Corp SH7014 Datasheet HTML 518Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 514 / 754 page
background image
17. I/O Ports (I/O)
Rev.5.00 Sep. 27, 2007 Page 480 of 716
REJ09B0398-0500
17.4
Port C
⎯ SH7016, SH7017 ⎯
Port C is a 16 pin input/output port as listed in table 17.7. There is no port C in the SH7014.
Table 17.7
Port C
ROM Disabled Extended
Mode (Modes 0, 1)
ROM Enabled Extended
Mode (Mode 2)
Single Chip Mode
A15 (output)
PC15 (I/O)/A15 (output)
PC15 (I/O)
A14 (output)
PC14 (I/O)/A14 (output)
PC14 (I/O)
A13 (output)
PC13 (I/O)/A13 (output)
PC13 (I/O)
A12 (output)
PC12 (I/O)/A12 (output)
PC12 (I/O)
A11 (output)
PC11 (I/O)/A11 (output)
PC11 (I/O)
A10 (output)
PC10 (I/O)/A10 (output)
PC10 (I/O)
A9 (output)
PC9 (I/O)/A9 (output)
PC9 (I/O)
A8 (output)
PC8 (I/O)/A8 (output)
PC8 (I/O)
A7 (output)
PC7 (I/O)/A7 (output)
PC7 (I/O)
A6 (output)
PC6 (I/O)/A6 (output)
PC6 (I/O)
A5 (output)
PC5 (I/O)/A5 (output)
PC5 (I/O)
A4 (output)
PC4 (I/O)/A4 (output)
PC4 (I/O)
A3 (output)
PC3 (I/O)/A3 (output)
PC3 (I/O)
A2 (output)
PC2 (I/O)/A2 (output)
PC2 (I/O)
A1 (output)
PC1 (I/O)/A1 (output)
PC1 (I/O)
A0 (output)
PC0 (I/O)/A0 (output)
PC0 (I/O)
17.4.1
Register Configuration
Table 17.8 summarizes the port C register.
Table 17.8
Port C Register
Name
Abbreviation
R/W
Initial Value
Address
Access Size
Port C data register
PCDR
R/W
H'0000
H'FFFF8392
H'FFFF8393
8, 16, 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com