Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 516 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 516 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 512Page - Renesas Technology Corp SH7014 Datasheet HTML 513Page - Renesas Technology Corp SH7014 Datasheet HTML 514Page - Renesas Technology Corp SH7014 Datasheet HTML 515Page - Renesas Technology Corp SH7014 Datasheet HTML 516Page - Renesas Technology Corp SH7014 Datasheet HTML 517Page - Renesas Technology Corp SH7014 Datasheet HTML 518Page - Renesas Technology Corp SH7014 Datasheet HTML 519Page - Renesas Technology Corp SH7014 Datasheet HTML 520Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 516 / 754 page
background image
17. I/O Ports (I/O)
Rev.5.00 Sep. 27, 2007 Page 482 of 716
REJ09B0398-0500
17.5
Port D
⎯ SH7016, SH7017 ⎯
Port D is a 16-pin input/output port, as shown in table 17.10. There is no port D in the SH7014.
Table 17.10 Port D
Extended Mode
Without ROM
(Mode 0)
Extended Mode
Without ROM
(Mode 1)
Extended Mode With
ROM (Mode 2)
Single Chip Mode
D15 (I/O)
D15 (I/O)
PD15 (I/O)/D15 (I/O)
PD15 (I/O)
D14 (I/O)
D14 (I/O)
PD14 (I/O)/D14 (I/O)
PD14 (I/O)
D13 (I/O)
D13 (I/O)
PD13 (I/O)/D13 (I/O)
PD13 (I/O)
D12 (I/O)
D12 (I/O)
PD12 (I/O)/D12 (I/O)
PD12 (I/O)
D11 (I/O)
D11 (I/O)
PD11 (I/O)/D11 (I/O)
PD11 (I/O)
D10 (I/O)
D10 (I/O)
PD10 (I/O)/D10 (I/O)
PD10 (I/O)
D9 (I/O)
D9 (I/O)
PD9 (I/O)/D9 (I/O)
PD9 (I/O)
D8 (I/O)
D8 (I/O)
PD8 (I/O)/D8 (I/O)
PD8 (I/O)
D7 (I/O)
D7 (I/O)
PD7 (I/O)/D7 (I/O)
PD7 (I/O)
D6 (I/O)
D6 (I/O)
PD6 (I/O)/D6 (I/O)
PD6 (I/O)
D5 (I/O)
D5 (I/O)
PD5 (I/O)/D5 (I/O)
PD5 (I/O)
D4 (I/O)
D4 (I/O)
PD4 (I/O)/D4 (I/O)
PD4 (I/O)
D3 (I/O)
D3 (I/O)
PD3 (I/O)/D3 (I/O)
PD3 (I/O)
D2 (I/O)
D2 (I/O)
PD2 (I/O)/D2 (I/O)
PD2 (I/O)
D1 (I/O)
D1 (I/O)
PD1 (I/O)/D1 (I/O)
PD1 (I/O)
D0 (I/O)
D0 (I/O)
PD0 (I/O)/D0 (I/O)
PD0 (I/O)
17.5.1
Register Configuration
Table 17.11 summarizes the port D register.
Table 17.11 Port D Register
Name
Abbreviation
R/W
Initial Value
Address
Access Size
Port D data register L PDDRL
R/W
H'0000
H'FFFF83A2
H'FFFF83A3
8, 16, 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com