| Electronic Components Datasheet Search |
|
SH7014 Datasheet(PDF) 515 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7014 Datasheet(HTML) 515 Page - Renesas Technology Corp |
|
515 / 754 page ![]() 17. I/O Ports (I/O) Rev.5.00 Sep. 27, 2007 Page 481 of 716 REJ09B0398-0500 17.4.2 Port C Data Register (PCDR) Bit: 15 14 13 12 11 10 9 8 PC15DR PC14DR PC13DR PC12DR PC11DR PC10DR PC9DR PC8DR Initial value: 0 0 0 0 0 0 0 0 R/W: R/W R/W R/W R/W R/W R/W R/W R/W Bit: 7 6 5 4 3 2 1 0 PC7DR PC6DR PC5DR PC4DR PC3DR PC2DR PC1DR PC0DR Initial value: 0 0 0 0 0 0 0 0 R/W: R/W R/W R/W R/W R/W R/W R/W R/W PCDR is a 16-bit read/write register that stores data for port C. The bits PC15DR to PC0DR correspond to the PC15/A15 to PC0/A0 pins. When the pins are used as ordinary outputs, they will output whatever value is written in the PCDR; when PCDR is read, the register value will be read regardless of the pin status. When the pins are used as ordinary inputs, the pin status rather than the register value is read directly when PCDR is read. When a value is written to PCDR, that value can be written into PCDR, but it will not affect the pin status. Table 17.9 shows the read/write operations of the port C data register. PCDR is initialized by an external power-on reset. However, PCDR is not initialized for a reset by WDT, standby mode, or sleep mode. The settings in this register are functional only in the SH7016 and SH7017. In the SH7014, there are no pins corresponding to this register, and it should not be read or written to. Table 17.9 Read/Write Operation of the Port C Data Register (PCDR) PCIOR Pin Status Read Write 0 Ordinary input Pin status Can write to PCDR, but it has no effect on pin status Other function Pin status Can write to PCDR, but it has no effect on pin status 1 Ordinary output PCDR value Value written is output by pin Other function PCDR value Can write to PCDR, but it has no effect on pin status |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |