Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 545 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 545 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 541Page - Renesas Technology Corp SH7014 Datasheet HTML 542Page - Renesas Technology Corp SH7014 Datasheet HTML 543Page - Renesas Technology Corp SH7014 Datasheet HTML 544Page - Renesas Technology Corp SH7014 Datasheet HTML 545Page - Renesas Technology Corp SH7014 Datasheet HTML 546Page - Renesas Technology Corp SH7014 Datasheet HTML 547Page - Renesas Technology Corp SH7014 Datasheet HTML 548Page - Renesas Technology Corp SH7014 Datasheet HTML 549Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 545 / 754 page
background image
18. 128 kB Flash Memory (F-ZTAT)
Rev.5.00 Sep. 27, 2007 Page 511 of 716
REJ09B0398-0500
18.7.2
Program-Verify Mode
In program-verify mode, the data written in program mode is read to check whether it has been
correctly written in the flash memory.
After the elapse of a given programming time, the programming mode is exited (the P bit in
FLMCR1 is cleared, then the PSUn bit is cleared at least 10
μs later). The watchdog timer is
cleared after the elapse of 10
μs or more, and the operating mode is switched to program-verify
mode by setting the PV bit in FLMCR1. Before reading in program-verify mode, a dummy write
of H'FF data should be made to the addresses to be read. The dummy write should be executed
after the elapse of 4
μs or more. When the flash memory is read in this state (verify data is read in
32-bit units), the data at the latched address is read. Wait at least 2
μs after the dummy write
before performing this read operation. Next, the written data is compared with the verify data, and
reprogram data is computed (see figure 18.13) and transferred to the reprogram data area. After 32
bytes of data have been verified, exit program-verify mode, wait for at least 4
μs, then clear the
SWE bit in FLMCR1. If reprogramming is necessary, set program mode again, and repeat the
program/program-verify sequence as before. However, ensure that the program/program-verify
sequence is not repeated more than 1000 times on the same bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com