Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 541 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 541 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 537Page - Renesas Technology Corp SH7014 Datasheet HTML 538Page - Renesas Technology Corp SH7014 Datasheet HTML 539Page - Renesas Technology Corp SH7014 Datasheet HTML 540Page - Renesas Technology Corp SH7014 Datasheet HTML 541Page - Renesas Technology Corp SH7014 Datasheet HTML 542Page - Renesas Technology Corp SH7014 Datasheet HTML 543Page - Renesas Technology Corp SH7014 Datasheet HTML 544Page - Renesas Technology Corp SH7014 Datasheet HTML 545Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 541 / 754 page
background image
18. 128 kB Flash Memory (F-ZTAT)
Rev.5.00 Sep. 27, 2007 Page 507 of 716
REJ09B0398-0500
Automatic SCI Bit Rate Adjustment
Start
bit
Stop
bit
D0
D1
D2
D3
D4
D5
D6
D7
Low period (9 bits) measured (H'00 data)
High period
(1 or more bits)
Figure 18.10 Automatic SCI Bit Rate Adjustment
When boot mode is initiated, the SH7017 measures the low period of the asynchronous SCI
communication data (H'00) transmitted continuously from the host. The SCI transmit/receive
format should be set as follows: 8-bit data, 1 stop bit, no parity. The SH7017 calculates the bit rate
of the transmission from the host from the measured low period, and transmits one H'00 byte to
the host to indicate the end of bit rate adjustment. The host should confirm that this adjustment
end indication (H'00) has been received normally, and transmit one H'55 byte to the SH7017. If
reception cannot be performed normally, initiate boot mode again (reset), and repeat the above
operations. Depending on the host's transmission bit rate and the SH7017's system clock
frequency, there will be a discrepancy between the bit rates of the host and the SH7017. To ensure
correct SCI operation, the host's transfer bit rate should be set to 4800bps, 9600bps.
Table 18.7 shows host transfer bit rates and system clock frequencies for which automatic
adjustment of the SH7017 bit rate is possible. The boot program should be executed within this
system clock range.
Table 18.7
System Clock Frequencies for which Automatic Adjustment of SH7017 Bit Rate
is Possible
Host Bit Rate
System Clock Frequency for which Automatic Adjustment
of SH7017 Bit Rate is Possible
9600bps
8 to 28.7MHz
4800bps
4 to 20MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com