Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 537 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 537 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 533Page - Renesas Technology Corp SH7014 Datasheet HTML 534Page - Renesas Technology Corp SH7014 Datasheet HTML 535Page - Renesas Technology Corp SH7014 Datasheet HTML 536Page - Renesas Technology Corp SH7014 Datasheet HTML 537Page - Renesas Technology Corp SH7014 Datasheet HTML 538Page - Renesas Technology Corp SH7014 Datasheet HTML 539Page - Renesas Technology Corp SH7014 Datasheet HTML 540Page - Renesas Technology Corp SH7014 Datasheet HTML 541Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 537 / 754 page
background image
18. 128 kB Flash Memory (F-ZTAT)
Rev.5.00 Sep. 27, 2007 Page 503 of 716
REJ09B0398-0500
18.5.4
RAM Emulation Register (RAMER)
RAMER specifies the area of flash memory to be overlapped with part of RAM when emulating
real-time flash memory programming. RAMER is initialized to H'0000 by a reset and in hardware
standby mode. It is not initialized in software standby mode. RAMER settings should be made in
user mode or user program mode.
Flash memory area divisions are shown in table 18.5. To ensure correct operation of the emulation
function, the ROM for which RAM emulation is performed should not be accessed immediately
after this register has been modified. Normal execution of an access immediately after register
modification is not guaranteed.
Bit:
15
14
13
12
11
10
9
8
⎯
⎯
⎯
⎯
⎯
⎯
⎯
⎯
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R
R
R
R
R
R
R
Bit:
7
6
5
4
3
2
1
0
⎯
⎯
⎯
⎯
⎯
RAMS
RAM1
RAM0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R
R
R
R
R/W
R/W
R/W
Bits 15 to 3
⎯Reserved: These bits are always read as 0.
Bit 2
⎯RAM Select (RAMS): Specifies selection or non-selection of flash memory emulation in
RAM. When RAMS = 1, all flash memory block are program/erase-protected.
Bit 2
RAMS
Description
0
Emulation not selected
Program/erase-protection of all flash memory blocks is disabled
(Initial value)
1
Emulation selected
Program/erase-protection of all flash memory blocks is enabled
Bits 1 and 0
⎯Flash Memory Area Selection (RAM1, RAM0): These bits are used together
with bit 2 to select the flash memory area to be overlapped with RAM. (See table 18.5.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com