Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 538 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 538 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 534Page - Renesas Technology Corp SH7014 Datasheet HTML 535Page - Renesas Technology Corp SH7014 Datasheet HTML 536Page - Renesas Technology Corp SH7014 Datasheet HTML 537Page - Renesas Technology Corp SH7014 Datasheet HTML 538Page - Renesas Technology Corp SH7014 Datasheet HTML 539Page - Renesas Technology Corp SH7014 Datasheet HTML 540Page - Renesas Technology Corp SH7014 Datasheet HTML 541Page - Renesas Technology Corp SH7014 Datasheet HTML 542Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 538 / 754 page
background image
18. 128 kB Flash Memory (F-ZTAT)
Rev.5.00 Sep. 27, 2007 Page 504 of 716
REJ09B0398-0500
Table 18.5
Flash Memory Area Divisions
Addresses
Block Name
RAMS
RAM1
RAM0
H'FFF800 to H'FFFBFF
RAM area 1 kB
0
*
*
H'01F000 to H'01F3FF
EB4 (1 kB)
1
0
0
H'01F400 to H'01F7FF
EB5 (1 kB)
1
0
1
H'01F800 to H'01FBFF
EB6 (1 kB)
1
1
0
H'01FC00 to H'01FFFF
EB7 (1 kB)
1
1
1
Legend:
*: Don't care
18.6
On-Board Programming Modes
When pins are set to on-board programming mode and a reset-start is executed, a transition is
made to the on-board programming state in which program/erase/verify operations can be
performed on the on-chip flash memory. There are two on-board programming modes: boot mode
and user program mode. The pin settings for transition to each of these modes are shown in table
18.6. For a diagram of the transitions to the various flash memory modes, see figure 18.2.
Table 18.6
Setting On-Board Programming Modes
Mode
PLL Multiple
FWP
MD3
MD2
MD1
MD0
Boot mode
Expanded mode
×1
0
0
0
0
0
Single chip mode
0
0
0
1
Expanded mode
×2
0
1
0
0
Single chip mode
0
1
0
1
Expanded mode
×4
1
0
0
0
Single chip mode
1
0
0
1
Expanded mode
×1
0
0
0
1
0
User program
mode
Single chip mode
0
0
1
1
Expanded mode
×2
0
1
1
0
Single chip mode
0
1
1
1
Expanded mode
×4
1
0
1
0
Single chip mode
1
0
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com